Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973AD Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5973AD
Description  2A switch step down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5973AD Datasheet HTML 5Page - STMicroelectronics L5973AD Datasheet HTML 6Page - STMicroelectronics L5973AD Datasheet HTML 7Page - STMicroelectronics L5973AD Datasheet HTML 8Page - STMicroelectronics L5973AD Datasheet HTML 9Page - STMicroelectronics L5973AD Datasheet HTML 10Page - STMicroelectronics L5973AD Datasheet HTML 11Page - STMicroelectronics L5973AD Datasheet HTML 12Page - STMicroelectronics L5973AD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
L5973AD
Functional description
9/21
As Slave to synchronize itself by external signal.
In particular, connecting together two devices, the one with the lower switching frequency
works as Slave and the other one works as Master.
To synchronize the device, the SYNC pin has to pass from a low level to a level higher than
the synchronization threshold with a duty cycle that can vary approximately from 10% to
90%, depending also on the signal frequency and amplitude.
The frequency of the synchronization signal must be at least higher than the internal
switching frequency of the device (500KHz).
Figure 4.
Oscillator circuit
4.4
Current protection
The L5973AD has two current limit protections, pulse by pulse and frequency fold back.
The schematic of the current limitation circuitry for the pulse by pulse protection is shown in
Figure 5.
The output power PDMOS transistor is split in two parallel PDMOS. The smallest one has a
resistor in series, RSENSE. The current is sensed through Rsense and if reaches the
threshold, the mirror is unbalanced and the PDMOS is switched off until the next falling edge
of the internal clock pulse.
Due to this reduction of the ON time, the output voltage decreases.
Since the minimum switch ON time (necessary to avoid false overcurrent signal) is not
enough to obtain a sufficiently low duty cycle at 500KHz, the output current, in strong
overcurrent or short circuit conditions, could increase again. For this reason the switching
frequency is also reduced, so keeping the inductor current under its maximum threshold.
The Frequency Shifter (see Figure 4) depends on the feedback voltage. As the feedback
voltage decreases (due to the reduced duty cycle), the switching frequency decreases too.
FREQUENCY
SHIFTER
CLOCK
GENERATOR
RAMP
GENERATOR
SYNCHRONIZATOR
CLOCK
RAMP
Ibias_osc
SYNC
t
D00IN1131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com