Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973AD Datasheet(PDF) 15 Page - STMicroelectronics

Part # L5973AD
Description  2A switch step down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L5973AD Datasheet HTML 11Page - STMicroelectronics L5973AD Datasheet HTML 12Page - STMicroelectronics L5973AD Datasheet HTML 13Page - STMicroelectronics L5973AD Datasheet HTML 14Page - STMicroelectronics L5973AD Datasheet HTML 15Page - STMicroelectronics L5973AD Datasheet HTML 16Page - STMicroelectronics L5973AD Datasheet HTML 17Page - STMicroelectronics L5973AD Datasheet HTML 18Page - STMicroelectronics L5973AD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
L5973AD
Additional features and protections
15/21
Figure 8.
Junction temperature vs
output current
Figure 9.
Junction temperature vs
output current
20
30
40
50
60
70
80
90
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Tj(°C)
Vo=2.5V
Vo=3.3V
Vo=1.8V
Vin=5V
Tamb=25°C
20
30
40
50
60
70
80
90
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Tj(°C)
Vo=2.5V
Vo=3.3V
Vo=1.8V
Vin=5V
Tamb=25°C
20
30
40
50
60
70
80
90
100
110
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Tj(C)
Vin=12V
Tamb=25°C
Vo=3.3V
Vo=5V
Vo=2.5V
20
30
40
50
60
70
80
90
100
110
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Tj(C)
Vin=12V
Tamb=25°C
Vo=3.3V
Vo=5V
Vo=2.5V
Figure 10. Efficiency vs
output current
Figure 11. Efficiency vs
output current
65
70
75
80
85
90
95
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Vin=5V
Vout=2.5V
Vout=3.3V
Vout=1.8V
65
70
75
80
85
90
95
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Vin=5V
Vout=2.5V
Vout=3.3V
Vout=1.8V
65
70
75
80
85
90
95
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Vin=12V
Vout=3.3V
Vout=2.5V
Vout=5V
65
70
75
80
85
90
95
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Vin=12V
Vout=3.3V
Vout=2.5V
Vout=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com