Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973AD Datasheet(PDF) 16 Page - STMicroelectronics

Part # L5973AD
Description  2A switch step down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L5973AD Datasheet HTML 12Page - STMicroelectronics L5973AD Datasheet HTML 13Page - STMicroelectronics L5973AD Datasheet HTML 14Page - STMicroelectronics L5973AD Datasheet HTML 15Page - STMicroelectronics L5973AD Datasheet HTML 16Page - STMicroelectronics L5973AD Datasheet HTML 17Page - STMicroelectronics L5973AD Datasheet HTML 18Page - STMicroelectronics L5973AD Datasheet HTML 19Page - STMicroelectronics L5973AD Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Application ideas
L5973AD
16/21
6
Application ideas
Figure 12. Positive Buck-Boost regulator
Figure 13. Buck-Boost regulator
Figure 14. Dual output voltage with auxiliary winding
D03IN1455
8
4
5
1
7
L5973AD
C1
10
µF
10V
CERAMIC
C2
10
µF
25V
CERAMIC
C5
100
µF
16V
VOUT=-12V/
0.6A
VIN = 5V
2.7K
24K
R3
4.7K
C4
22nF
C3
220pF
3
L1 15
µH
D1
STPS2L25U
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF
D03IN1456
8
4
5
1
7
L5973AD
C1
10
µF
25V
CERAMIC
C5
47
µF
10V
C4
100
µF
10V
VOUT=3.3V/
0.5A
VOUT1=5V/
50mA
VIN = 5V
R3
4.7K
C3
22nF
C2
220pF
3
Lp 22
µH
N1/N2=2
D1
STPS25L25U
D2
1N4148
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com