Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973AD Datasheet(PDF) 13 Page - STMicroelectronics

Part # L5973AD
Description  2A switch step down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L5973AD Datasheet HTML 9Page - STMicroelectronics L5973AD Datasheet HTML 10Page - STMicroelectronics L5973AD Datasheet HTML 11Page - STMicroelectronics L5973AD Datasheet HTML 12Page - STMicroelectronics L5973AD Datasheet HTML 13Page - STMicroelectronics L5973AD Datasheet HTML 14Page - STMicroelectronics L5973AD Datasheet HTML 15Page - STMicroelectronics L5973AD Datasheet HTML 16Page - STMicroelectronics L5973AD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
L5973AD
Additional features and protections
13/21
5
Additional features and protections
5.1
Feedback disconnection
In case of feedback disconnection, the duty cycle increases versus the maximum allowed
value, bringing the output voltage close to the input supply. This condition could destroy the
load.
To avoid this dangerous condition, the device is turned off if the feedback pin remains
floating.
5.2
Output overvoltage protection
The overvoltage protection, OVP, is realized by using an internal comparator, which input is
connected to the feedback, that turns off the power stage when the OVP threshold is
reached. This threshold is typically 30% higher than the feedback voltage.
When a voltage divider is requested for adjusting the output voltage (see test application
circuit), the OVP intervention will be set at:
Equation 1
Where R1 is the resistor connected between the output voltage and the feedback pin, while
R2 is between the feedback pin and ground.
5.3
Zero load
Due to the fact that the internal power is a PDMOS, no boostrap capacitor is required and
so, the device works properly also with no load at the output. In this condition it works in
burst mode, with random repetition rate of the burst.
5.4
Application circuit
In Figure 7 is shown the demo board application circuit, where the input supply voltage,
VCC, can range from 4V to 25V due to the rated voltage of the input capacitor and the output
voltage is adjustable from 1.235V to VCC.
V
OVP
1.3
R
1
R
2
+
R
2
-------------------- V
FB
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com