Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8101 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS8101
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8101 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS8101 Datasheet HTML 5Page - ON Semiconductor CS8101 Datasheet HTML 6Page - ON Semiconductor CS8101 Datasheet HTML 7Page - ON Semiconductor CS8101 Datasheet HTML 8Page - ON Semiconductor CS8101 Datasheet HTML 9Page - ON Semiconductor CS8101 Datasheet HTML 10Page - ON Semiconductor CS8101 Datasheet HTML 11Page - ON Semiconductor CS8101 Datasheet HTML 12Page - ON Semiconductor CS8101 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CS8101
http://onsemi.com
9
DEVICE ORDERING INFORMATION*
Device
Package
Shipping†
CS8101YD8
SOIC−8
98 Units/Rail
CS8101YD8G
SOIC−8
(Pb−Free)
98 Units/Rail
CS8101YDR8
SOIC−8
2500/Tape & Reel
CS8101YDR8G
SOIC−8
(Pb−Free)
2500/Tape & Reel
CS8101YDWF20
SO−20 WB
38 Units/Tube
CS8101YDWF20G
SO−20 WB
(Pb−Free)
38 Units/Tube
CS8101YDWFR20
SO−20 WB
1000/Tape & Reel
CS8101YDWFR20G
SO−20 WB
(Pb−Free)
1000/Tape & Reel
CS8101YT5
TO−220 FIVE LEAD STRAIGHT
50 Units/Rail
CS8101YT5G
TO−220 FIVE LEAD STRAIGHT
(Pb−Free)
50 Units/Rail
CS8101YTVA5
TO−220 FIVE LEAD VERTICAL
50 Units/Rail
CS8101YTVA5G
TO−220 FIVE LEAD VERTICAL
(Pb−Free)
50 Units/Rail
CS8101YTHA5
TO−220 FIVE LEAD HORIZONTAL
50 Units/Rail
CS8101YTHA5G
TO−220 FIVE LEAD HORIZONTAL
(Pb−Free)
50 Units/Rail
*Contact your local sales representative for D2PAK package option.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MARKING DIAGRAMS
TO−220
FIVE LEAD
T SUFFIX
CASE 314D
CS
8101
AWLYWWG
1
TO−220
FIVE LEAD
TVA SUFFIX
CASE 314K
TO−220
FIVE LEAD
THA SUFFIX
CASE 314A
SO−20 WB
DWF SUFFIX
CASE 751D
SOIC−8
D SUFFIX
CASE 751
CS
8101
AWLYWWG
20
1
CS8101
AWLYYWWG
CS8101 = Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Package
G
= Pb−Free Package
CS810
ALYW1
G
1
8
1
1
CS
8101
AWLYWWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com