Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8101 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8101
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8101 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8101 Datasheet HTML 1Page - ON Semiconductor CS8101 Datasheet HTML 2Page - ON Semiconductor CS8101 Datasheet HTML 3Page - ON Semiconductor CS8101 Datasheet HTML 4Page - ON Semiconductor CS8101 Datasheet HTML 5Page - ON Semiconductor CS8101 Datasheet HTML 6Page - ON Semiconductor CS8101 Datasheet HTML 7Page - ON Semiconductor CS8101 Datasheet HTML 8Page - ON Semiconductor CS8101 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CS8101
http://onsemi.com
2
PIN CONNECTIONS
RESET
GND
18
NC
ENABLE
NC
VOUTSense
VIN
VOUT
1
20
NC
NC
GND
GND
GND
GND
GND
GND
GND
GND
NC
NC
VIN
NC
VOUT
ENABLE
NC
NC
NC
RESET
SO−20L
SOIC−8
Pin 1. VOUT
2. ENABLE
3. GND
4. RESET
5. VIN
Tab = GND
1
TO−220 5 LEAD
ENABLE
+
−
Bandgap
Reference
−
+
Sense
Current Limit
GND
RESET
VOUT
Sense
VOUT
Error
Amplifier
Figure 1. Block Diagram
VIN
Current Source
(Circuit Bias)
Over Voltage
Shutdown
Thermal
Protection
Reset
Comparator
Internally
connected
on 5 lead
TO−220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com