Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8101 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8101
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8101 Datasheet(HTML) 4 Page - ON Semiconductor

  CS8101 Datasheet HTML 1Page - ON Semiconductor CS8101 Datasheet HTML 2Page - ON Semiconductor CS8101 Datasheet HTML 3Page - ON Semiconductor CS8101 Datasheet HTML 4Page - ON Semiconductor CS8101 Datasheet HTML 5Page - ON Semiconductor CS8101 Datasheet HTML 6Page - ON Semiconductor CS8101 Datasheet HTML 7Page - ON Semiconductor CS8101 Datasheet HTML 8Page - ON Semiconductor CS8101 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CS8101
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (6.0 V
≤ VIN ≤ 26 V; IOUT = 1.0 mA; −40 ≤ TA ≤ 125, −40°C ≤ TJ ≤ 150°C,
unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
ENABLE Input (ENABLE)
Threshold
HIGH
LOW
(VOUT OFF)
(VOUT ON)
−
0.6
1.4
1.4
2.0
−
V
V
Input Current
VENABLE = 2.4 V
−
30
100
mA
Reset Functions (RESET)
RESET Threshold
HIGH (VRH)
LOW (VRL)
VOUT Increasing
VOUT Decreasing
4.525
4.500
4.75
4.70
VOUT − 0.05
VOUT − 0.075
V
V
RESET Hysteresis
(HIGH − LOW)
25
50
100
mV
Reset Output Leakage
RESET = HIGH
VOUT ≥ VRH
−
−
25
mA
Output Voltage
Low (VRLO)
Low (VRPEAK)
1.0 V
≤ VOUT ≤ VRL, RRESET = 10 k
VOUT, Power up, Power down, RRESET = 10 k
−
−
0.1
0.6
0.4
1.0
V
V
PACKAGE LEAD DESCRIPTION
PACKAGE LEAD #
TO−220
5 LEAD
SO−20 WB
SOIC−8
LEAD SYMBOL
FUNCTION
1
20
1
VOUT
5.0 V,
±2.0%, 100 mA output.
−
−
2
VOUTSENSE
Kelvin connection which allows remote sensing of output voltage
for improved regulation. If remote sensing is not required,
connect to VOUT.
2
1
3
ENABLE
Logic level switches output off when toggled HIGH.
3
4, 5, 6, 7
14, 15, 16, 17
4
GND
Ground. All GND leads must be connected to Ground.
4
10
5
RESET
Active reset (accurate to VOUT ≥ 1.0 V)
−
2, 3, 8, 9, 11,
12, 13, 18
6,7
NC
No Connection. True no−connect (i.e. is floating)
5
19
8
VIN
Input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com