Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8101 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8101
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8101 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8101 Datasheet HTML 1Page - ON Semiconductor CS8101 Datasheet HTML 2Page - ON Semiconductor CS8101 Datasheet HTML 3Page - ON Semiconductor CS8101 Datasheet HTML 4Page - ON Semiconductor CS8101 Datasheet HTML 5Page - ON Semiconductor CS8101 Datasheet HTML 6Page - ON Semiconductor CS8101 Datasheet HTML 7Page - ON Semiconductor CS8101 Datasheet HTML 8Page - ON Semiconductor CS8101 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 18
1
Publication Order Number:
CS8101/D
CS8101
Micropower 5.0 V, 100 mA
Low Dropout Linear
Regulator with RESET
and ENABLE
The CS8101 is a precision 5.0 V micropower voltage regulator with
very low quiescent current (70
mA typ at 100 mA load). The 5.0 V
output is accurate within
±2.0% and supplies 100 mA of load current
with a typical dropout voltage of only 400 mV. Microprocessor control
logic includes an ENABLE input and an active RESET. This
combination of low quiescent current, outstanding regulator
performance and control logic makes the CS8101 ideal for any battery
operated, microprocessor controlled equipment.
The active RESET circuit includes hysteresis, and operates
correctly at an output voltage as low as 1.0 V. The RESET function is
activated during the power up sequence or during normal operation if
the output voltage drops outside the regulation limits by more than
200 mV typ. The logic level compatible ENABLE input allows the user
to put the regulator into a shutdown mode where it draws only 20
mA
typical of quiescent current.
The regulator is protected against reverse battery, short circuit, over
voltage, and thermal overload conditions. The device can withstand
load dump transients making it suitable for use in automotive
environments.
The CS8101 is functionally equivalent to the National
Semiconductor LP2951 series low current regulators.
Features
• 5.0 V ±2.0% Output
• Low 70 mA Quiescent Current
• Active RESET
• ENABLE Input for ON/OFF and Active/Sleep Mode Control
• 100 mA Output Current Capability
• Fault Protection
− +60 V Peak Transient Voltage
− −15 V Reverse Voltage Short Circuit Thermal Overload
• Low Reverse Current (Output to Input)
• Internally Fused Leads Available in SO−20 WB Package
• Pb−Free Packages are Available
TO−220
FIVE LEAD
T SUFFIX
CASE 314D
1
5
TO−220
FIVE LEAD
TVA SUFFIX
CASE 314K
TO−220
FIVE LEAD
THA SUFFIX
CASE 314A
1
5
1
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 9 of this data sheet.
DEVICE MARKING INFORMATION
SO−20 WB
DWF SUFFIX
CASE 751D
1
20
SOIC−8
D SUFFIX
CASE 751
1
8
http://onsemi.com


Similar Part No. - CS8101

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
logo
ON Semiconductor
CS8101 ONSEMI-CS8101 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8101YD8 CHERRY-CS8101YD8 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
logo
ON Semiconductor
CS8101YD8G ONSEMI-CS8101YD8G Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
logo
Cherry Semiconductor Co...
CS8101YDR8 CHERRY-CS8101YDR8 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
More results

Similar Description - CS8101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com