Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8161 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8161
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8161 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8161 Datasheet HTML 1Page - ON Semiconductor CS8161 Datasheet HTML 2Page - ON Semiconductor CS8161 Datasheet HTML 3Page - ON Semiconductor CS8161 Datasheet HTML 4Page - ON Semiconductor CS8161 Datasheet HTML 5Page - ON Semiconductor CS8161 Datasheet HTML 6Page - ON Semiconductor CS8161 Datasheet HTML 7Page - ON Semiconductor CS8161 Datasheet HTML 8Page - ON Semiconductor CS8161 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CS8161
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Temperature (
°C)
Output Current (mA)
Figure 8. Output Voltage vs. Temperature
for VOUT2
Figure 9. Line Regulation vs. Output
Current for VOUT2
3
25
Output Current (mA)
Output Current (mA)
Figure 10. Load Regulation vs. Output
Current for VOUT2
Figure 11. Quiescent Current vs. Output
Current for VOUT2
25
50
8
−40
5.025
5.020
5.015
5.010
5.005
5.000
4.995
4.990
4.985
4.980
4.975
−20
0
20
40
60
80
100 120 140 160
2
1
0
−1
−2
−3
−4
−5
−6
−7
−8
0
50
75
100
125
150
175
200
225 250
6
4
2
0
−2
−4
−6
−8
−10
−12
−14
−16
−18
0
50
75
100
125
150
175
200
225
250
25
0
50
75
100
125
150
175
200
225
250
45
40
35
30
25
20
15
10
5
0
VIN = 11 V
IOUT = 5.0 mA
VIN = 6.0−26V
125
°C
25
°C
−40
°C
VIN = 14 V
125
°C
−40
°C
25
°C
125
°C
25
°C
−40
°C
VIN = 14 V
No Load on VOUT1
75
Output Current (mA)
Output Current (mA)
Figure 12. Dropout Voltage vs. Output
Current for VOUT2
Figure 13. Quiescent Current vs. Output
Current @ Dropout for VOUT2
60
25
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
0
25
50
100 125
150
175
200
225
250
55
50
45
40
35
30
25
20
15
10
5
0
0
50
75
100
125
150
175 200
225 250
VIN = 4.0 V
No Load on VOUT1
125
°C
−40
°C
25
°C
25
°C
125
°C
−40
°C
VIN = 4.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com