Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8161 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8161
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8161 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8161 Datasheet HTML 1Page - ON Semiconductor CS8161 Datasheet HTML 2Page - ON Semiconductor CS8161 Datasheet HTML 3Page - ON Semiconductor CS8161 Datasheet HTML 4Page - ON Semiconductor CS8161 Datasheet HTML 5Page - ON Semiconductor CS8161 Datasheet HTML 6Page - ON Semiconductor CS8161 Datasheet HTML 7Page - ON Semiconductor CS8161 Datasheet HTML 8Page - ON Semiconductor CS8161 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CS8161
http://onsemi.com
2
Figure 1. Block Diagram
VOUT2
Anti−saturation
and
Current Limit
+
−
+
−
Overvoltage
Shutdown
Bandgap
Reference
Thermal
Shutdown
Pre−Regulator
VIN
VOUT1
ENABLE
GND
Anti−saturation
and
Current Limit
+
−
ABSOLUTE MAXIMUM RATINGS
Rating
Value
Unit
Input Voltage:
Operating Range
Overvoltage Protection
−15 to 26
74
V
V
Internal Power Dissipation
Internally Limited
−
Junction Temperature Range
−40 to +150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature Soldering
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
ESD (Human Body Model)
2.0
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 10 second maximum.
2. 60 second maximum above 183
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com