Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8161 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8161
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8161 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8161 Datasheet HTML 1Page - ON Semiconductor CS8161 Datasheet HTML 2Page - ON Semiconductor CS8161 Datasheet HTML 3Page - ON Semiconductor CS8161 Datasheet HTML 4Page - ON Semiconductor CS8161 Datasheet HTML 5Page - ON Semiconductor CS8161 Datasheet HTML 6Page - ON Semiconductor CS8161 Datasheet HTML 7Page - ON Semiconductor CS8161 Datasheet HTML 8Page - ON Semiconductor CS8161 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 7
1
Publication Order Number:
CS8161/D
CS8161
12 V, 5.0 V Low Dropout
Dual Regulator with ENABLE
The CS8161 is a 12 V/5.0 V dual output linear regulator. The
12 V
±5.0% output sources 400 mA and the 5.0 V ±2.0% output
sources 200 mA.
The on board ENABLE function controls the regulator’s two
outputs. When the ENABLE pin is low, the regulator is placed in
SLEEP mode. Both outputs are disabled and the regulator draws only
200 nA of quiescent current.
The primary output, VOUT1 is protected against overvoltage
conditions. Both outputs are protected against short circuit and
thermal runaway conditions.
The CS8161 is packaged in a 5 lead TO−220 with copper tab. The
copper tab can be connected to a heat sink if necessary.
Features
• Two Regulated Outputs
− 12 V
±5.0%; 400 mA
− 5.0 V
±2.0%; 200 mA
• Very Low SLEEP Mode Current Drain 200 nA
• Fault Protection
− Reverse Battery (−15 V)
− 74 V Load Dump
− −100 V Reverse Transient
− Short Circuit
− Thermal Shutdown
• Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220
FIVE LEAD
T SUFFIX
CASE 314D
1
5
TO−220
FIVE LEAD
TVA SUFFIX
CASE 314K
TO−220
FIVE LEAD
THA SUFFIX
CASE 314A
1
5
1
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
PIN CONNECTIONS
Tab = GND
Pin 1. VIN
2. VOUT1
3. GND
4. ENABLE
5. VOUT2
1
See general marking information in the device marking
section on page 9 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - CS8161

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8161 ONSEMI-CS8161 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8161YDWF16 CHERRY-CS8161YDWF16 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161YDWFR16 CHERRY-CS8161YDWFR16 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161YT5 CHERRY-CS8161YT5 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
More results

Similar Description - CS8161

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
1 A, Low-Dropout, 5.0 V Regulator
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com