Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8161 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8161
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8161 Datasheet(HTML) 4 Page - ON Semiconductor

  CS8161 Datasheet HTML 1Page - ON Semiconductor CS8161 Datasheet HTML 2Page - ON Semiconductor CS8161 Datasheet HTML 3Page - ON Semiconductor CS8161 Datasheet HTML 4Page - ON Semiconductor CS8161 Datasheet HTML 5Page - ON Semiconductor CS8161 Datasheet HTML 6Page - ON Semiconductor CS8161 Datasheet HTML 7Page - ON Semiconductor CS8161 Datasheet HTML 8Page - ON Semiconductor CS8161 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CS8161
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
−40
Temperature (
°C)
Output Current (mA)
Figure 2. Output Voltage vs. Temperature
for VOUT1
Figure 3. Line Regulation vs. Output
Current for VOUT1
Output Current (mA)
Output Current (mA)
Figure 4. Load Regulation vs. Output
Current for VOUT1
Figure 5. Quiescent Current vs. Output
Current for VOUT1
0
12.150
12.110
12.070
12.030
11.990
11.950
11.910
11.870
11.830
11.790
11.750
15
100
90
80
70
60
50
40
30
20
10
0
10
5
0
−5
−10
−15
−20
−25
−30
−35
−40
50
100
150
200
250
300 350
400
450
500
0
50
100
150
200
250
300 350
400
450
500
0
100
150
200
250
300 350
400
450
500
50
−20
0
20
40
60
80
100 120 140 160
10
5
0
5
10
15
20
25
30
35
40
125
°C
25
°C
−40
°C
VIN = 14 V
IOUT1 = 5.0 A
VIN = 13−26V
VIN = 14 V
VIN = 14 V
No Load on VOUT2
−40
°C
125
°C
25
°C
125
°C
25
°C
−40
°C
0
Output Current (mA)
Output Current (mA)
Figure 6. Dropout Voltage vs. Output
Voltage for VOUT1
Figure 7. Quiescent Current vs. Output
Current @ Dropout for VOUT1
150
50
600
550
500
450
400
350
300
250
200
150
100
50
0
50
500
100
150 200
250
300
350
400
450
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0
100
150 200
250 300
350
400 450 500
VIN = 11 V
−40
°C
25
°C
125
°C
−40
°C
125
°C
25
°C
VIN = 11 V
No Load on VOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com