Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS51221 Datasheet HTML 2Page - ON Semiconductor CS51221 Datasheet HTML 3Page - ON Semiconductor CS51221 Datasheet HTML 4Page - ON Semiconductor CS51221 Datasheet HTML 5Page - ON Semiconductor CS51221 Datasheet HTML 6Page - ON Semiconductor CS51221 Datasheet HTML 7Page - ON Semiconductor CS51221 Datasheet HTML 8Page - ON Semiconductor CS51221 Datasheet HTML 9Page - ON Semiconductor CS51221 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CS51221
http://onsemi.com
6
PACKAGE PIN DESCRIPTION
Package
Pin #
Pin
Symbol
Function
1
GATE
External power switch driver with 1.0 A peak capability. Rail to rail output occurs when the capacitive load is
between 470 pF and 10 nF.
2
ISENSE
Current sense comparator input.
3
SYNC
Bidirectional synchronization. Locks to highest frequency.
4
FF
PWM ramp.
5
UV
Undervoltage protection monitor.
6
OV
Overvoltage protection monitor.
7
RTCT
Timing resistor RT and capacitor CT determine oscillator frequency and maximum duty cycle, DMAX.
8
ISET
Voltage at this pin sets pulse−by−pulse overcurrent threshold.
9
VFB
Feedback voltage input. Connected to the error amplifier inverting input.
10
COMP
Error amplifier output.
11
SS
Charging external capacitor restricts error amplifier output voltage during the power up or fault conditions.
12
LGND
Logic ground.
13
VREF
3.3 V reference voltage output. Decoupling capacitor can be selected from 0.01
mF to 10 mF.
14
VCC
Logic supply voltage.
15
PGND
Output power stage ground.
16
VC
Output power stage supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com