Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS51221 Datasheet HTML 6Page - ON Semiconductor CS51221 Datasheet HTML 7Page - ON Semiconductor CS51221 Datasheet HTML 8Page - ON Semiconductor CS51221 Datasheet HTML 9Page - ON Semiconductor CS51221 Datasheet HTML 10Page - ON Semiconductor CS51221 Datasheet HTML 11Page - ON Semiconductor CS51221 Datasheet HTML 12Page - ON Semiconductor CS51221 Datasheet HTML 13Page - ON Semiconductor CS51221 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CS51221
http://onsemi.com
10
Figure 8. The SYNC Pin Generates a Sync Pulse at
the Beginning of Each Switching Cycle.
CH2: GATE Pin, CH3: RTCT, CH4: SYNC Pin
Figure 9. Operation with External Sync.
CH2: SYNC Pin, CH3: GATE Pin, CH4: RTCT Pin
An external pulse signal can feed to the bidirectional
SYNC pin to synchronize the switch frequency. For reliable
operation, the sync frequency should be approximately 20%
higher than free running IC frequency. As show in Figure 9,
when the SYNC pin is triggered by an incoming signal, the
IC immediately discharges CT. The GATE signal is turned
on once the RTCT pin reaches the valley voltage. Because of
the steep falling edge, this valley voltage falls below the
regular 1.0 V threshold. However, the RTCT pin voltage is
then quickly raised by a clamp. When the RTCT pin reaches
the 0.95 V (typ) Valley Clamp Voltage, the clamp is
disconnected after a brief delay and CT is charged through
RT.
DESIGN GUIDELINES
Switch Frequency and Maximum Duty Cycle
Calculations
Oscillator timing capacitor, CT, is charged by VREF
through RT and discharged by an internal current source.
During the discharge time, the internal clock signal sets the
Gate output to the low state, thus providing a user selectable
maximum duty cycle clamp. Charge and discharge times are
determined by following general formulas;
tC + RTCT ln
(VREF * VVALLEY)
(VREF * VPEAK)
td + RTCT ln
(VREF * VPEAK * IdRT)
(VREF * VVALLEY * IdRT)
where:
tC = charging time;
td = discharging time;
VVALLEY = valley voltage of the oscillator;
VPEAK = peak voltage of the oscillator.
Substituting in typical values for the parameters in the
above formulas, VREF = 3.3 V, VVALLEY = 1.0 V, VPEAK =
2.0 V, Id = 1.0 mA:
tC + 0.57RTCT
td + RTCT ln
1.3
* 0.001RT
2.3
* 0.001RT
D max +
0.57
0.57
) In 1.3*0.001RT
2.3
*0.001RT
It is noticed from the equation that for the oscillator to
function properly, RT has to be greater than 2.3 k.
Select RC for Feed Forward Ramp
If the line voltage is much greater than the FF pin Peak
Voltage, the charge current can be treated as a constant and
is equal to VIN/R. Therefore, the volt−second value is
determined by:
VIN
TON + (VCOMP * VFF(d))
R
C
where:
VCOMP = COMP pin voltage;
VFF(d) = FF pin discharge voltage.
As shown in the equation, the volt−second clamp is set by
the VCOMP clamp voltage which is equal to 1.8 V. In
Forward or Flyback circuits, the volt−second clamp value is
designed to prevent transformers from saturation.
In a buck or forward converter, volt−second is equal to
VIN
TON +
VOUT
TS
n
n = transformer turns ratio, which is a constant determined
by the regulated output voltage, switching period and
transformer turns ration (use 1.0 for buck converter). It is
interesting to notice from the aforementioned two equations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com