Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221 Datasheet(HTML) 3 Page - ON Semiconductor

  CS51221 Datasheet HTML 1Page - ON Semiconductor CS51221 Datasheet HTML 2Page - ON Semiconductor CS51221 Datasheet HTML 3Page - ON Semiconductor CS51221 Datasheet HTML 4Page - ON Semiconductor CS51221 Datasheet HTML 5Page - ON Semiconductor CS51221 Datasheet HTML 6Page - ON Semiconductor CS51221 Datasheet HTML 7Page - ON Semiconductor CS51221 Datasheet HTML 8Page - ON Semiconductor CS51221 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CS51221
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature, TJ
Internally
Limited
−
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD (Human Body Model)
2.0
kV
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
Gate Drive Output
GATE
15 V
−0.3 V
1.0 A Peak, 200 mA DC
1.0 A Peak, 200 mA DC
Current Sense Input
ISENSE
6.0 V
−0.3 V
1.0 mA
1.0 mA
Timing Resistor/Capacitor
RTCT
6.0 V
−0.3 V
1.0 mA
10 mA
Feed Forward
FF
6.0 V
−0.3 V
1.0 mA
25 mA
Error Amp Output
COMP
6.0 V
−0.3 V
10 mA
20 mA
Feedback Voltage
VFB
6.0 V
−0.3 V
1.0 mA
1.0 mA
Sync Input
SYNC
6.0 V
−0.3 V
10 mA
10 mA
Undervoltage
UV
6.0 V
−0.3 V
1.0 mA
1.0 mA
Overvoltage
OV
6.0 V
−0.3 V
1.0 mA
1.0 mA
Current Set
ISET
6.0 V
−0.3 V
1.0 mA
1.0 mA
Soft−Start
SS
6.0 V
−0.3 V
1.0 mA
10 mA
Logic Section Supply
VCC
15 V
−0.3 V
10 mA
50 mA
Power Section Supply
VC
15 V
−0.3 V
10 mA
1.0 A Peak, 200 mA DC
Reference Voltage
VREF
6.0 V
−0.3 V
lnternally Limited
10 mA
Power Ground
PGND
N/A
N/A
1.0 A Peak, 200 mA DC
N/A
Logic Ground
LGND
N/A
N/A
N/A
N/A
ELECTRICAL CHARACTERISTICS (−40
°C < TA < 85°C; −40°C < TJ < 125°C; 3.0 V < VC < 15 V; 4.7 V < VCC < 15 V;
RT = 12 k; CT = 390 pF; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Start/Stop Voltages
Start Threshold
−
4.4
4.6
4.7
V
Stop Threshold
−
3.2
3.8
4.1
V
Hysteresis
Start−Stop
400
850
1400
mV
ICC @ Startup
VCC < UVL Start Threshold
−
38
75
mA
Supply Current
ICC Operating
−
−
9.5
14
mA
IC Operating
1.0 nF Load on GATE
−
12
18
mA
IC Operating
No Switching
−
2.0
4.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com