Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51221 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS51221 Datasheet HTML 3Page - ON Semiconductor CS51221 Datasheet HTML 4Page - ON Semiconductor CS51221 Datasheet HTML 5Page - ON Semiconductor CS51221 Datasheet HTML 6Page - ON Semiconductor CS51221 Datasheet HTML 7Page - ON Semiconductor CS51221 Datasheet HTML 8Page - ON Semiconductor CS51221 Datasheet HTML 9Page - ON Semiconductor CS51221 Datasheet HTML 10Page - ON Semiconductor CS51221 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CS51221
http://onsemi.com
7
VCC
+
−
+
−
−
+
VREF = 3.3 V
UV Lockout
Start/Stop
UVL
ENABLE
VREF OK
3.1 V
3.3 V
Thermal
Shutdown
2.0 mA (maximum load current)
Low Sat
Gate Driver
13.5 V
S
R
Q
Q
G1
OSC
G2
+
−
VBG
(1.263 V)
EAMP
−
+
3.0 V
2.0 V to 1.0 V Trip Points
+
−
Max Duty Cycle
(Sat Sense)
+
−
PWM
Comp
Soft−Start Clamp
SS to 1.8 V Max
FF Discharge
G3
+
−
150 ns
Blank
DISABLE
ILIM
−
+
Max SS
Det
(Sat Sense)
VREF
50
mA
G4
3.0 V
+
−
Latching
Discharge
−
+
1.0 V
2.0 V
OV Monitor
UV Monitor
5.0
mA
VREF
VC
GATE
PGND
LGND
SS
OV
UV
SYNC
RTCT
VFB
COMP
FF
ISENSE
ISET
VO Off
ON
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com