Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS51313
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51313 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS51313 Datasheet HTML 9Page - ON Semiconductor CS51313 Datasheet HTML 10Page - ON Semiconductor CS51313 Datasheet HTML 11Page - ON Semiconductor CS51313 Datasheet HTML 12Page - ON Semiconductor CS51313 Datasheet HTML 13Page - ON Semiconductor CS51313 Datasheet HTML 14Page - ON Semiconductor CS51313 Datasheet HTML 15Page - ON Semiconductor CS51313 Datasheet HTML 16Page - ON Semiconductor CS51313 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CS51313
http://onsemi.com
13
Response, a combination of a number of high frequency and
bulk output capacitors are usually used.
Slope Compensation
The V2 control method uses a ramp signal, generated by
the ESR of the output capacitors, that is proportional to the
ripple current through the inductor. To maintain regulation,
the V2 control loop monitors this ramp signal, through the
PWM comparator, and terminates the switch on−time.
The stringent load transient requirements of modern
microprocessors require the output capacitors to have very
low ESR. The resulting shallow slope presented to the PWM
comparator, due to the very low ESR, can lead to pulse width
jitter and variation caused by both random or synchronous
noise.
Adding slope compensation to the control loop, avoids
erratic operation of the PWM circuit, particularly at lower
duty cycles and higher frequencies, where there is not
enough ramp signal, and provides a more stable switchpoint.
The scheme that prevents that switching noise
prematurely triggers the PWM circuit consists of adding a
positive voltage slope to the output of the Error Amplifier
(COMP pin) during an off−time cycle.
The circuit that implements this function is shown in
Figure 14.
Figure 14. Small RC Filter Provides the
Proper Voltage Ramp at the Beginning of
Each On−Time Cycle
16
To Synchronous FET
CCOMP
R1
R2
C1
12
CS51313
COMP
GATE(L)
The ramp waveform is generated through a small RC filter
that provides the proper voltage ramp at the beginning of
each on−time cycle. The resistors R1 and R2 in the circuit of
Figure 14 form a voltage divider from the GATE(L) output,
superimposing a small artificial ramp on the output of the
error amplifier. It is important that the series combination
R1/R2 is high enough in resistance not to load down and
negatively affect the slew rate on the GATE(L) pin.
PROTECTION AND MONITORING FEATURES
Overcurrent Protection
A loss−less hiccup mode current limit protection feature
is provided, requiring only the COMP capacitor to
implement. The CS51313 provides overcurrent protection
by sensing the current through a “Droop” resistor, using an
internal current sense comparator. The comparator
compares the voltage drop across the “Droop” resistor to an
internal reference voltage of 86 mV (typical).
If the voltage drop across the “Droop” resistor exceeds
this threshold, the current sense comparator allows the fault
latch to be set. This causes the regulator to stop switching.
During this over current condition, the CS51313 stays off
for the time it takes the COMP pin capacitor to discharge to
its lower 0.25 V threshold. As soon as the COMP pin reaches
0.25 V, the Fault latch is reset (no overcurrent condition
present) and the COMP pin is charged with a 30 μA current
source to a voltage 1.1 V greater than the VFB voltage. Only
at this point the regulator attempts to restart normally. The
CS51313 will operate initially with a duty cycle whose value
depends on how low the VFB voltage was during the
overcurrent condition (whether hiccup mode was due to
excessive current or hard short). This protection scheme
minimizes thermal stress to the regulator components, input
power supply, and PC board traces, as the over current
condition persists. Upon removal of the overload, the fault
latch is cleared, allowing normal operation to resume.
Overvoltage Protection
Overvoltage protection (OVP) is provided as result of the
normal operation of the V2 control topology and requires no
additional external components. The control loop responds
to an overvoltage condition within 200 ns, causing the top
MOSFET to shut off, disconnecting the regulator from its
input voltage. This results in a “crowbar” action to clamp the
output voltage and prevents damage to the load. The
regulator will remain in this state until the overvoltage
condition ceases or the input voltage is pulled low.
Additionally, a dedicated Overvoltage protection (OVP)
output pin (pin 13) is provided in the CS51313. The OVP
signal will go high (overvoltage condition), if the output
voltage (VCC(CORE)) exceeds the regulation voltage by
8.5% of the voltage set by the particular DAC code. The
OVP pin can source up to 25 mA of current that can be used
to drive an SCR to crowbar the power supply.
Power Good Circuit
The Power Good pin (pin 14) is an open−collector signal
consistent with TTL DC specifications. It is externally
pulled up, and is pulled low (below 0.3 V) when the
regulator output voltage typically exceeds ±8.5% of the
nominal output voltage. Maximum output voltage deviation
before Power Good is pulled low is ±12%.
Output Enable
On/off control of the regulator outputs can be
implemented by pulling the COMP pins low. It is required
to pull the COMP pins below the 1.1 V PWM comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com