Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS51313
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51313 Datasheet(HTML) 2 Page - ON Semiconductor

  CS51313 Datasheet HTML 1Page - ON Semiconductor CS51313 Datasheet HTML 2Page - ON Semiconductor CS51313 Datasheet HTML 3Page - ON Semiconductor CS51313 Datasheet HTML 4Page - ON Semiconductor CS51313 Datasheet HTML 5Page - ON Semiconductor CS51313 Datasheet HTML 6Page - ON Semiconductor CS51313 Datasheet HTML 7Page - ON Semiconductor CS51313 Datasheet HTML 8Page - ON Semiconductor CS51313 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CS51313
http://onsemi.com
2
51 k
1.0%
+
+
0.01 μF
FS70VSJ−03
VCORE
2.0 V @ 19 A
VID0
VID1
VID2
VID3
VID4
OVP
VREF
GATE(H)
GATE(L)
VFB
VOUT
PWRGD
COMP
COFF
CS51313
VCC
GND
FS70VSJ−03
+12 V
+3.3 V
+3.3 V
+5.0 V
1.0 μF
1200 μF/10 V
1200 μF/10 V
1200 μF/10 V × 3
1.2 μH
3.3 mΩ
1200 μF/10 V × 5
PWRGD
VGTL+
1.5 V @ 3.0 A
VCLOCK
2.5 V @ 1.0 A
510 Ω
510 Ω
0.1 μF
10 k
100 Ω
0.1 μF
680 pF
1.0 μF
+12
IRL3103S
18 k
1.0%
1
2
3
LM358A
LM358A
7
6
5
22.1 k
1.0%
100 k
1.0%
100 k
1.0%
102 k
1.0%
TIP 31
47 μF
1200 μF/10 V × 2
Figure 1. Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com