Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313 Datasheet(PDF) 18 Page - ON Semiconductor

Part # CS51313
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51313 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button CS51313 Datasheet HTML 14Page - ON Semiconductor CS51313 Datasheet HTML 15Page - ON Semiconductor CS51313 Datasheet HTML 16Page - ON Semiconductor CS51313 Datasheet HTML 17Page - ON Semiconductor CS51313 Datasheet HTML 18Page - ON Semiconductor CS51313 Datasheet HTML 19Page - ON Semiconductor CS51313 Datasheet HTML 20Page - ON Semiconductor CS51313 Datasheet HTML 21Page - ON Semiconductor CS51313 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
CS51313
http://onsemi.com
18
Step 7a: Selection of the Switching (Upper) FET
The designer must ensure that the total power dissipation
in the FET switch does not cause the power component’s
junction temperature to exceed 150°C.
The maximum RMS current through the switch can be
determined by the following formula:
IRMS(H) +
IL(PEAK)2
) (IL(PEAK)
IL(VALLEY))
) IL(VALLEY)2
D
3.0
where:
IRMS(H) = maximum switching MOSFET RMS current;
IL(PEAK) = inductor peak current;
IL(VALLEY) = inductor valley current;
D = Duty Cycle.
Once the RMS current through the switch is known, the
switching MOSFET conduction losses can be calculated:
PRMS(H) + IRMS(H)2
RDS(ON)
where:
PRMS(H) = switching MOSFET conduction losses;
IRMS(H) = maximum switching MOSFET RMS current;
RDS(ON) = FET drain−to−source on−resistance
The upper MOSFET switching losses are caused during
MOSFET switch−on and switch−off and can be determined
by using the following formula:
PSWH + PSWH(ON) ) PSWH(OFF)
+
VIN
IOUT
(tRISE ) tFALL)
6.0T
where:
PSWH(ON) = upper MOSFET switch−on losses;
PSWH(OFF) = upper MOSFET switch−off losses;
VIN = input voltage;
IOUT = load current;
tRISE = MOSFET rise time (from FET manufacturer’s
switching characteristics performance curve);
tFALL = MOSFET fall time (from FET manufacturer’s
switching characteristics performance curve);
T = 1/FSW = period.
The total power dissipation in the switching MOSFET can
then be calculated as:
PHFET(TOTAL) + PRMSH ) PSWH(ON) ) PSWH(OFF)
where:
PHFET(TOTAL) = total switching (upper) MOSFET losses;
PRMSH = upper MOSFET switch conduction Losses;
PSWH(ON) = upper MOSFET switch−on losses;
PSWH(OFF) = upper MOSFET switch−off losses.
Once the total power dissipation in the switching FET is
known, the maximum FET switch junction temperature can
be calculated:
TJ + TA ) (PHFET(TOTAL)
RqJA)
where:
TJ = FET junction temperature;
TA = ambient temperature;
PHFET(TOTAL) = total switching (upper) FET losses;
RθJA = upper FET junction−to−ambient thermal resistance.
Step 7b: Selection of the Synchronous (Lower) FET
The switch conduction losses for the lower FET can be
calculated as follows:
PRMSL + IRMS2
RDS(ON)
+ IOUT
(1.0 * D) 2
RDS(ON)
where:
PRMSL = lower MOSFET conduction losses;
IOUT = load current;
D = Duty Cycle;
RDS(ON) = lower FET drain−to−source on−resistance.
The synchronous MOSFET has no switching losses,
except for losses in the internal body diode, because it turns
on into near zero voltage conditions. The MOSFET body
diode will conduct during the non−overlap time and the
resulting power dissipation (neglecting reverse recovery
losses) can be calculated as follows:
PSWL + VSD
ILOAD
non−overlap time
FSW
where:
PSWL = lower FET switching losses;
VSD = lower FET source−to−drain voltage;
ILOAD = load current
Non−overlap time = GATE(L)−to−GATE(H) or
GATE(H)−to−GATE(L) delay (from CS51313 data sheet
Electrical Characteristics section);
FSW = switching frequency.
The total power dissipation in the synchronous (lower)
MOSFET can then be calculated as:
PLFET(TOTAL) + PRMSL ) PSWL
where:
PLFET(TOTAL) = Synchronous (lower) FET total losses;
PRMSL = Switch Conduction Losses;
PSWL = Switching losses.
Once the total power dissipation in the synchronous FET
is known the maximum FET switch junction temperature
can be calculated:
TJ + TA ) (PLFET(TOTAL)
RqJA)
where:
TJ = MOSFET junction temperature;
TA = ambient temperature;
PLFET(TOTAL) = total synchronous (lower) FET losses;
RθJA = lower FET junction−to−ambient thermal
resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com