Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS51313
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51313 Datasheet(HTML) 1 Page - ON Semiconductor

  CS51313 Datasheet HTML 1Page - ON Semiconductor CS51313 Datasheet HTML 2Page - ON Semiconductor CS51313 Datasheet HTML 3Page - ON Semiconductor CS51313 Datasheet HTML 4Page - ON Semiconductor CS51313 Datasheet HTML 5Page - ON Semiconductor CS51313 Datasheet HTML 6Page - ON Semiconductor CS51313 Datasheet HTML 7Page - ON Semiconductor CS51313 Datasheet HTML 8Page - ON Semiconductor CS51313 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 8
1
Publication Order Number:
CS51313/D
CS51313
Synchronous CPU
Buck Controller Capable
of Implementing Multiple
Linear Regulators
The CS51313 is a synchronous dual NFET Buck Regulator
Controller. It is designed to power the core logic of the latest high
performance CPUs. It uses the V2™ control method to achieve the
fastest possible transient response and best overall regulation. It
incorporates many additional features required to ensure the proper
operation and protection of the CPU and Power system. The CS51313
provides the industry’s most highly integrated solution, minimizing
external component count, total solution size, and cost.
The CS51313 is specifically designed to power Intel’s Pentium® II
processor and includes the following features: 5−bit DAC with 1.2%
tolerance, Power Good output, overcurrent hiccup mode protection,
overvoltage protection, VCC monitor, Soft Start, adaptive voltage
positioning and adaptive FET non−overlap time. A precision reference
trimmed to 1.0% is also externally available for use by other
regulators. The CS51313 will operate over an 8.4 V to 14 V range and
is available in 16 lead narrow body surface mount package.
Features
Synchronous Switching Regulator Controller for CPU VCORE
Dual N−Channel MOSFET Synchronous Buck Design
V2 Control Topology
200 ns Transient Loop Response
5−Bit DAC with 1.2% Tolerance
Hiccup Mode Overcurrent Protection
40 ns Gate Rise and Fall Times (3.3 nF Load)
65 ns Adaptive FET Non−Overlap Time
Adaptive Voltage Positioning
Power Good Output Monitors Regulator Output
VCC Monitor Provides Undervoltage Lockout
OVP Output Monitors Regulator Output
Enable Through Use of the COMP Pin
+1.23 V Reference Voltage Available Externally
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
CS51313GD16
SO−16
48 Units/Rail
CS51313GDR16
SO−16
2500 Tape & Reel
PIN CONNECTIONS
MARKING DIAGRAM
SO−16
D SUFFIX
CASE 751B
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
1
CS51313
AWLYWW
16
1
16
VCC
VOUT
1
16
GATE(H)
VFB
GND
VID4
GATE(L)
VREF
OVP
VID3
PWRGD
VID2
COFF
VID1
COMP
VID0


Similar Part No. - CS51313

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51313 CHERRY-CS51313 Datasheet
248Kb / 20P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
Rev. 3/11/99
CS51313GD16 CHERRY-CS51313GD16 Datasheet
248Kb / 20P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
Rev. 3/11/99
CS51313GDR16 CHERRY-CS51313GDR16 Datasheet
248Kb / 20P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
Rev. 3/11/99
More results

Similar Description - CS51313

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51313 CHERRY-CS51313 Datasheet
248Kb / 20P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
Rev. 3/11/99
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/4/99
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com