Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313 Datasheet (PDF) - Cherry Semiconductor Corporation

CS51313 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS51313
Download  CS51313 Download
File Size   248.66 Kbytes
Page   20 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators

CS51313 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS51313 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS51313
Download  CS51313 Click to download

File Size   248.66 Kbytes
Page   20 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators

CS51313 Datasheet (HTML) - Cherry Semiconductor Corporation


CS51313 Product details

Description
The CS51313 is a synchronous dual NFET Buck Regulator Controller. It is designed to power the core logic of the latest high performance CPUs. It uses the V2TM control method to achieve the fastest possible transient response and best overall regulation. It incorporates many additional features required to ensure the proper operation and protection of the CPU and Power system. The CS51313 provides the industry’s most highly integrated solution, minimizing external component count, total solution size, and cost.

Features
■ Synchronous Switching Regulator Controller for CPU VCORE
■ Dual N-Channel MOSFET Synchronous Buck Design
■ V2TM Control Topology
■ 200ns Transient Loop Response
■ 5-bit DAC with 1.2% Tolerance
■ Hiccup Mode Overcurrent Protection
■ 40ns Gate Rise and Fall Times (3.3nF load)
■ 65ns Adaptive FET Non-overlap Time
■ Adaptive Voltage Positioning
■ Power-Good Output Monitors Regulator Output
■ VCC Monitor Provides Under Voltage Lockout
■ OVP Output Monitors Regulator Output
■ Enable Through use of the COMP pin
■ +1.23V Reference Voltage Available Externally




Similar Part No. - CS51313

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51313 ONSEMI-CS51313 Datasheet
567Kb / 23P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
July, 2006 ??Rev. 8
CS51313GD16 ONSEMI-CS51313GD16 Datasheet
567Kb / 23P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
July, 2006 ??Rev. 8
CS51313GDR16 ONSEMI-CS51313GDR16 Datasheet
567Kb / 23P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
July, 2006 ??Rev. 8
More results


Similar Description - CS51313

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/4/99
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
CS51313 ONSEMI-CS51313 Datasheet
567Kb / 23P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
July, 2006 ??Rev. 8
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com