Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS51313
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51313 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS51313 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1200µF/10V
1200µF/10V
GATEH
GATEL
VFB
VOUT
PWRGD
COMP
COFF
GND
+12
18K
IRL3103S
22.1K
100K
51K
100K
47µF
TIP 31
1200µF/ 10V
x 2
102K
7
1200µF/10V
x3
3.3mΩ
1.2µH
FS70VSJ-03
FS70VSJ-03
510Ω
0.1µF
510Ω
VCC
1µF
1200µF/10V
x5
VCORE
2.0V@19A
PWRGD
5
6
+5V
+3.3V
+3.3V
+12V
VID0
VID1
VID2
VID3
VID4
VGTL+
1.5V@3A
VCLOCK
2.5V@1A
OVP
VREF
LM358A
680pF
0.1
µF
1µF
10K
0.01
µF
100Ω
LM358A
3
2
1
1%
1%
1%
1%
1%
1%
-
+
-
+
Features
s
Synchronous Switching
Regulator Controller for CPU
VCORE
s
Dual N-Channel MOSFET
Synchronous Buck Design
s
V2
TM Control Topology
s
200ns Transient Loop Response
s
5-bit DAC with 1.2% Tolerance
s
Hiccup Mode Overcurrent
Protection
s
40ns Gate Rise and Fall Times
(3.3nF load)
s
65ns Adaptive FET Non-overlap
Time
s
Adaptive Voltage Positioning
s
Power-Good Output Monitors
Regulator Output
s
VCC Monitor Provides Under
Voltage Lockout
s
OVP Output Monitors Regulator
Output
s
Enable Through use of the
COMP pin
s
+1.23V Reference Voltage
Available Externally
Package Options
Synchronous CPU Buck Controller
Capable of Implementing Multiple Linear Regulators
CS51313
Description
The CS51313 is a synchronous dual
NFET Buck Regulator Controller. It is
designed to power the core logic of the
latest high performance CPUs. It uses the
V2
TM control method to achieve the
fastest possible transient response and
best overall regulation. It incorporates
many additional features required to
ensure the proper operation and protec-
tion of the CPU and Power system. The
CS51313 provides the industry’s most
highly integrated solution, minimizing
external component count, total solution
size, and cost.
The CS51313 is specifically designed to
power Intel’s Pentium® II processor and
includes the following features: 5-bit
DAC with 1.2% tolerance, Power-Good
output, overcurrent hiccup mode protec-
tion, over voltage protection, VCC moni-
tor, Soft Start, adaptive voltage position-
ing and adaptive FET non-overlap time.
A precision reference trimmed to 1% is
also externally available for use by other
regulators. The CS51313 will operate
over an 8.4V to 14V range and is avail-
able in 16 lead narrow body surface
mount package.
Application Diagram
1
VOUT
VID0
VID1
VID2
VID3
VREF
VID4
VFB
COMP
COFF
VCC
PWRGD
OVP
GATE(L)
GATE(H)
Gnd
16 Lead SO Narrow
1
Pentium is a registered trademark of Intel Corporation.
A
Company
®
V2 is a trademark of Switch Power, Inc.
Rev. 3/11/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS51313

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51313 ONSEMI-CS51313 Datasheet
567Kb / 23P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
July, 2006 ??Rev. 8
CS51313GD16 ONSEMI-CS51313GD16 Datasheet
567Kb / 23P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
July, 2006 ??Rev. 8
CS51313GDR16 ONSEMI-CS51313GDR16 Datasheet
567Kb / 23P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
July, 2006 ??Rev. 8
More results

Similar Description - CS51313

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/4/99
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
CS51313 ONSEMI-CS51313 Datasheet
567Kb / 23P
Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
July, 2006 ??Rev. 8
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com