Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313 Datasheet(PDF) 12 Page - Cherry Semiconductor Corporation

Part # CS51313
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51313 Datasheet(HTML) 12 Page - Cherry Semiconductor Corporation

Back Button CS51313 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 16Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
The total change in output voltage as a result of a load cur-
rent transient can be verified by the following formula:
∆VOUT = ∆VESR + ∆VESL + ∆VCAP
Step 3: Selection of the Duty Cycle,
Switching Frequency, Switch On-Time (TON)
and Switch Off-Time (TOFF)
The duty cycle of a buck converter (including parasitic
losses) is given by the formula:
Duty Cycle = D =
,
where
VOUT = buck regulator output voltage;
VHFET = high side FET voltage drop due to RDS(ON);
VL = output inductor voltage drop due to inductor wire
DC resistance;
VDROOP = droop (current sense) resistor voltage drop;
VIN = buck regulator input voltage;
VLFET = low side FET voltage drop due to RDS(ON).
Step3a: Calculation of Switch On-Time
The switch On-Time (time during which the switching
MOSFET in a synchronous buck topology is conducting) is
determined by:
TON =
,
where FSW = regulator switching frequency selected by the
designer.
Higher operating frequencies allow the use of smaller
inductor and capacitor values. Nevertheless, it is common
to select lower frequency operation because a higher fre-
quency results in lower efficiency due to MOSFET gate
charge losses. Additionally, the use of smaller inductors at
higher frequencies results in higher ripple current, higher
output voltage ripple, and lower efficiency at light load
currents.
Step 3b: Calculation of Switch Off-Time
The switch Off-Time (time during which the switching
MOSFET is not conducting) can be determined by:
TOFF =
− TON,
The COFF capacitor value has to be selected in order to set
the Off-Time, TOFF, above:
COFF =
,
where
3980 is a characteristic factor of the CS51313;
D = Duty Cycle.
Step 4: Selection of the Output Inductor
The inductor should be selected based on its inductance,
current capability, and DC resistance. Increasing the induc-
tor value will decrease output voltage ripple, but degrade
transient response. There are many factors to consider in
selecting the inductor including cost, efficiency, EMI and
ease of manufacture. The inductor must be able to handle
the peak current at the switching frequency without satu-
rating, and the copper resistance in the winding should be
kept as low as possible to minimize resistive power loss.
There are a variety of materials and types of magnetic
cores that could be used for this application. Among them
are ferrites, molypermalloy cores (MPP), amorphous and
powdered iron cores. Powdered iron cores are very com-
monly used. Powdered iron cores are very suitable due to
their high saturation flux density and have low loss at high
frequencies, a distributed gap and exhibit very low EMI.
The inductor value can be determined by:
L =
,
where
VIN = input voltage;
VOUT = output voltage;
tTR = output voltage transient response time (assigned
by the designer);
∆I = load transient.
The inductor ripple current can then be determined:
∆IL =
,
where
∆IL = inductor ripple current;
VOUT = output voltage;
TOFF = switch Off-Time;
L = inductor value.
The designer can now verify if the number of output
capacitors from step 2 will provide an acceptable output
voltage ripple (1% of output voltage is common). The for-
mula below is used:
∆IL =
,
Rearranging we have:
ESRMAX =
,
where
ESRMAX = maximum allowable ESR;
∆VOUT = 1% × VOUT = maximum allowable output volt-
age ripple ( budgeted by the designer );
∆IL = inductor ripple current;
VOUT = output voltage.
The number of output capacitors is determined by:
Number of capacitors =
,
where ESRCAP = maximum ESR per capacitor (specified in
manufacturer’s data sheet).
ESRCAP
ESRMAX
∆VOUT
∆IL
∆VOUT
ESRMAX
VOUT × TOFF
L
(VIN − VOUT) × tTR
∆Ι
Period × (1 − D)
3980
1
FSW
Duty Cycle
FSW
VOUT + (VHFET + VL + VDROOP)
VIN + VLFET − VHFET − VL
Application Information: continued
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com