Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

Part # CS51313
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51313 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

Back Button CS51313 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 12Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Application Information: continued
8
resistors determine the output voltage for each regulator.
In this case, it will be 1.5V @ 3A for VGTL and 2.5V @ 1A for
VCLOCK. In Figure 7 the ratio of resistor R1 to resistor R2 is
(VOUT/VREF) - 1, where VOUT = 1.5V and VREF = 1.23V. The
same formula can be used to determine the ratio of the
feedback resistors needed to implement a 2.5V linear regu-
lator (VOUT = 2.5V).To negate the bias current of the opera-
tional amplifier, a resistor with a value equal to the parallel
combination of the feedback resistors (R1//R2) is connect-
ed in series with the non-inverting input of this operational
amplifier. R2 sets the minimum output current, (IMIN =
VREF/R2).
The pass transistor must be able to dissipate the power
adequately while keeping the junction temperature below
the maximum specified by the manufacturer. For example,
with VGTL output of 1.5V, input voltage of 3.3V, and out-
put DC current of 3A, the pass transistor dissipates (3.3V -
1.5V) × 3A = 5.4W.
Sufficient output capacitance must be added to ensure that
the output voltage remains within specification during
transient loading. For example, the GTL bus load can ramp
from 0 to 2.7A at a rate of 8A/µs. The designer needs to
verify that the circuit will meet these requirements using
the transistor and operational amplifier chosen.
Startup
The CS51313 provides a controlled startup of regulator out-
put voltage and features Programmable Soft Start imple-
mented through the Error Amp and external Compensation
Capacitor. This feature, combined with overcurrent protec-
tion, prevents stress to the regulator power components
and overshoot of the output voltage during startup.
As Power is applied to the regulator, the CS51313
Undervoltage Lockout circuit (UVL) monitors the IC’s sup-
ply voltage (VCC) which is typically connected to the +12V
output of the AC-DC power supply. The UVL circuit pre-
vents the NFET gates from being activated until VCC
exceeds the 8.4V (typ) threshold. Hysteresis of 300mV (typ)
is provided for noise immunity. The Error Amp Capacitor
connected to the COMP pin is charged by a 30µA current
source. This capacitor must be charged to 1.1V (typ) so that
it exceeds the PWM comparator’s offset before the V2
TM
PWM control loop permits switching to occur.
When VCC has exceeded 8.4V and COMP has charged to
1.1V, the upper Gate driver (GATE(H)) is activated, turn-
ing on the upper FET. This causes current to flow through
the output inductor and into the output capacitors and
load according to the following equation:
I = (VIN – VOUT) ×
GATE(H) and the upper NFET remain on and inductor
current ramps up until the initial pulse is terminated by
either the PWM control loop or the overcurrent protection.
This initial surge of in-rush current minimizes startup time,
but avoids overstressing of the regulator’s power compo-
nents.
The PWM comparator will terminate the initial pulse if the
regulator output exceeds the voltage on the COMP pin
plus the 1.1V PWM comparator offset before the voltage
drop across the current sense resistor exceeds the current
limit threshold voltage. In this case, the PWM control loop
has achieved regulation and the initial pulse is then fol-
lowed by a constant off time as programmed by the COFF
capacitor. The COMP capacitor will continue to slowly
charge and the regulator output voltage will follow it, less
the 1.1V PWM offset, until it achieves the voltage pro-
grammed by the DAC’s VID input. The Error Amp will
then source or sink current to the COMP cap as required to
maintain the correct regulator DC output voltage. Since the
rate of increase of the COMP pin voltage is typically set
much slower than the regulator’s slew capability, inrush
current, output voltage, and duty cycle all gradually
increase from zero. (See Figures 8, 9, and 10).
Figure 8: Normal Startup (2ms/div).
Channel 1 - Regulator Output Voltage (1V/div)
Channel 2 - COMP Pin (1V/div)
Channel 3 - VCC (10V/div)
Channel 4 - Regulator Input Voltage (5V/div)
Figure 9: Normal Startup showing initial pulse followed by Soft Start
(20µs/div).
Channel 1 - Regulator Output Voltage (0.2V/div)
Channel 2 – Inductor Switching Node (5V/div)
Channel 3 - VCC (10V/div)
Channel 4 - Regulator Input Voltage (5V/div)
Start-up @
VCC > 8.4V
Initial Pulse until VOUT
> COMP + PWM Offset
Start-up @
VCC > 8.4V
T
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com