Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313 Datasheet(PDF) 17 Page - Cherry Semiconductor Corporation

Part # CS51313
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51313 Datasheet(HTML) 17 Page - Cherry Semiconductor Corporation

Back Button CS51313 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 19Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 20Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
VDROOP(TYP) =
.
Example: for a 450MHz Pentium®II, the DC accuracy spec
is 1.93 < VCC(CORE) < 2.07V, and the AC accuracy spec is
1.9V < VCC(CORE) < 2.1V. The CS51313 DAC output voltage
is +2.001V < VDAC < +2.049V. In order not to exceed the
DC accuracy spec, the voltage drop developed across the
resistor must be calculated as follows:
VDROOP(TYP) =
=
= 71mV.
With the CS51313 DAC accuracy being 1%, the internal
error amplifier’s reference voltage is trimmed so that the
output voltage will be 25mV high at no load. With no load,
there is no DC drop across the resistor, producing an out-
put voltage tracking the error amplifier output voltage,
including the offset. When the full load current is deliv-
ered, a drop of -50mV is developed across the resistor.
Therefore, the regulator output is pre-positioned at 25mV
above the nominal output voltage before a load turn-on.
The total voltage drop due to a load step is ∆V-25mV and
the deviation from the nominal output voltage is 25mV
smaller than it would be if there was no droop resistor.
Similarly at full load the regulator output is pre-positioned
at 25mV below the nominal voltage before a load turn-off.
the total voltage increase due to a load turn-off is ∆V-25mV
and the deviation from the nominal output voltage is
25mV smaller than it would be if there was no droop resis-
tor. This is because the output capacitors are pre-charged
to a value that is either 25mV above the nominal output
voltage before a load turn-on or, 25mV below the nominal
output voltage before a load turn-off .
Obviously, the larger the voltage drop across the droop
resistor (the larger the resistance), the worse the DC and
load regulation, but the better the AC transient response.
Current Limit
The current limit setpoint has to be higher than the normal
full load current. Attention has to be paid to the current
rating of the external power components as these are the
first to fail during an overload condition. The MOSFET
continuous and pulsed drain current rating at a given case
temperature has to be accounted for when setting the cur-
rent limit trip point.
Temperature curves on MOSFET manufacturers’ data
sheets allow the designer to determine the MOSFET drain
current at a particular VGS and TJ (junction temperature).
This, in turn, will assist the designer to set a proper current
limit, without causing device breakdown during an over-
load condition.
Let’s assume the full CPU load is 16A. The internal
current sense comparator current limit voltage limits are:
77mV < VTH < 101mV. Also, there is a 21% total variation
in RSENSE as discussed in the previous section.
We compute the value of the current sensing element
(embedded PCB trace) for the minimum current limit set-
point:
RSENSE(MIN) = RSENSE(TYP) × 0.79,
RSENSE(MAX) = RSENSE(TYP) × 1.21,
RSENSE(MAX) =
=
= 4.8mΩ.
We select,
RSENSE(TYP) = 3.3mΩ.
We calculate the range of load currents that will cause the
internal current sense comparator to detect an overload
condition.
Nominal Current Limit Setpoint
From the overcurrent detection data in the electrical char-
acteristics table:
VTH(TYP) = 86mV,
ICL(NOM) =
=
= 26A.
Maximum Current Limit Setpoint
From the overcurrent detection data in the electrical char-
acteristics table:
VTH(MAX) = 101mV,
ICL(MAX)==
=
= 38.7A.
Therefore, the range of load currents that will cause the
internal current sense comparator to detect an overload
condition through a 3.3mΩ embedded PCB trace is:
19.3A < ICL < 38.7A, with 26A being the nominal overload
condition.
Design Rules for Using a Droop Resistor
The basic equation for laying an embedded resistor is:
RAR = ρ ×
or R = ρ ×
,
where
A= W × t = cross-sectional area;
ρ= the copper resistivity (µΩ-mil);
L= length (mils);
W = width (mils);
t = thickness (mils).
L
(W × t)
L
A
101mV
3.3mΩ × 0.79
VTH(MAX)
RSENSE(NOM) × 0.79
VTH(MAX)
RSENSE(MIN)
86mV
3.3mΩ
VTH(TYP)
RSENSE(NOM)
77mV
16A
VTH(MIN)
ICL(MIN)
+2.001V-1.93V
1.21
[VDAC(MIN)-VDC (MIN)]
1+RDROOP(TOLERANCE)
VDAC(MIN)-VDC(MIN)
1+RDROOP(TOLERANCE)
Application Information :continued
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com