Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS51313
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51313 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS51313 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Electrical Characteristics: 0˚C < TA < 70˚C; 0˚C < TJ < 125˚C; 9V < VCC < 14V;
2.0V DAC Code (VID4 = VID3 =VID2 = VID1 = 0, VID0 = 1), CGATE(H) = CGATE(L) = 3.3nF, COFF = 390pF; Unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3
s
Voltage Identification DAC
Measure VFB = VCOMP, VCC = 12V (Note 2)
75°C ≤ TJ ≤ 125°C
25°C ≤ TJ ≤ 75°C
VID4 VID3 VID2 VID1 VID0
MIN
TYP
MAX
± TOL
MIN
TYP
MAX
± TOL
UNIT
10000
3.483
3.525
3.567
1.2%
3.455
3.525
3.596
2.0%
V
10001
3.384
3.425
3.466
1.2%
3.357
3.425
3.494
2.0%
V
10010
3.285
3.325
3.365
1.2%
3.259
3.325
3.392
2.0%
V
10011
3.186
3.225
3.264
1.2%
3.161
3.225
3.290
2.0%
V
10100
3.087
3.125
3.163
1.2%
3.063
3.125
3.188
2.0%
V
10101
2.989
3.025
3.061
1.2%
2.965
3.025
3.086
2.0%
V
10110
2.890
2.925
2.960
1.2%
2.875
2.925
2.975
1.7%
V
10111
2.791
2.825
2.859
1.2%
2.777
2.825
2.873
1.7%
V
11000
2.692
2.725
2.758
1.2%
2.679
2.725
2.771
1.7%
V
11001
2.594
2.625
2.657
1.2%
2.580
2.625
2.670
1.7%
V
11010
2.495
2.525
2.555
1.2%
2.482
2.525
2.568
1.7%
V
11011
2.396
2.425
2.454
1.2%
2.389
2.425
2.461
1.5%
V
11100
2.297
2.325
2.353
1.2%
2.290
2.325
2.360
1.5%
V
11101
2.198
2.225
2.252
1.2%
2.192
2.225
2.258
1.5%
V
11110
2.099
2.125
2.151
1.2%
2.093
2.125
2.157
1.5%
V
00000
2.050
2.075
2.100
1.2%
2.044
2.075
2.106
1.5%
V
00001
2.001
2.025
2.049
1.2%
1.995
2.025
2.055
1.5%
V
00010
1.953
1.975
1.997
1.1%
1.945
1.975
2.005
1.5%
V
00011
1.904
1.925
1.946
1.1%
1.896
1.925
1.954
1.5%
V
00100
1.854
1.875
1.896
1.1%
1.847
1.875
1.903
1.5%
V
00101
1.805
1.825
1.845
1.1%
1.798
1.825
1.852
1.5%
V
00110
1.755
1.775
1.795
1.1%
1.748
1.775
1.802
1.5%
V
00111
1.706
1.725
1.744
1.1%
1.699
1.725
1.751
1.5%
V
01000
1.656
1.675
1.694
1.1%
1.650
1.675
1.700
1.5%
V
01001
1.607
1.625
1.643
1.1%
1.601
1.625
1.649
1.5%
V
01010
1.558
1.575
1.593
1.1%
1.551
1.575
1.599
1.5%
V
01011
1.508
1.525
1.542
1.1%
1.502
1.525
1.548
1.5%
V
01100
1.459
1.475
1.491
1.1%
1.453
1.475
1.497
1.5%
V
01101
1.409
1.425
1.441
1.1%
1.404
1.425
1.446
1.5%
V
01110
1.360
1.375
1.390
1.1%
1.354
1.375
1.396
1.5%
V
01111
1.310
1.325
1.340
1.1%
1.305
1.325
1.345
1.5%
V
11111
1.225
1.250
1.275
2.0%
1.225
1.250
1.275
2.0%
V
s
Error Amplifier
VFB Bias Current
0.2V ≤VFB ≤ 3.5V
-7.0
0.1
7.0
µA
COMP Source Current
VCOMP = 1.2V to 3.6V; VFB = 1.9 V
15
30
60
µA
COMP Sink Current
VCOMP = 1.2V; VFB = 2.1V
30
60
120
µA
Open Loop Gain
CCOMP = 0.1µF
80
dB
Unity Gain Bandwidth
CCOMP = 0.1µF
50
kHz
PSRR @ 1kHz
CCOMP = 0.1µF
70
dB
Transconductance
3.2
mmho
Output Impedance
0.5
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com