Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51313 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS51313
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51313 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS51313 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51313 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s
General Electrical Specifications
VCC Monitor Start Threshold
7.9
8.4
8.9
V
VCC Monitor Stop Threshold
7.6
8.1
8.6
V
Hysteresis
Start - Stop
0.15
0.30
0.60
V
VCC Supply Current
No Load on GATE(H), GATE(L)
12
20
mA
Note 1: All pins are rated 2kV except for the VREF pin (Pin 5) which is typically rated at 800V.
Note 2: The IC power dissipation in a typical application with VCC = 12V, switching frequency fSW = 250kHz, 50nc
MOSFETs and RθJA = 115°C/W yields an operating junction temperature rise of approximately 52°C, and a junction tem-
perature of 77°C with an ambient temperature of 25°C.
Note 3: Guaranteed by design, not 100% tested in production.
Electrical Characteristics: 0˚C < TA < 70˚C; 0˚C < TJ < 125˚C; 9V < VCC < 14V;
2.0V DAC Code (VID4 = VID3 =VID2 = VID1 = 0, VID0 = 1), CGATE(H) = CGATE(L) = 3.3nF, COFF = 390pF; Unless otherwise stated.
+
-
+
-
+
-
VFB
COMP
COFF
OFF
TIME
PWM COMP
DISCHARGE
COMP
VOUT
VREF
VID0
VID1
VID2
VID3
VID4
DAC
BANDGAP
REFERENCE
+
-
1.10V
EA
CURRENT LIMIT
86mV
0.25V
FAULT
LATCH
R
S
Q
VCC
OVP
PWRGD
Gnd
GATE(L)
GATE(H)
VCC
UVLO
NONOVERLAP
LOGIC
-
-
+
-
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com