Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VME3TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M25P16-VME3TP
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VME3TP Datasheet(HTML) 1 Page - STMicroelectronics

  M25P16-VME3TP Datasheet HTML 1Page - STMicroelectronics M25P16-VME3TP Datasheet HTML 2Page - STMicroelectronics M25P16-VME3TP Datasheet HTML 3Page - STMicroelectronics M25P16-VME3TP Datasheet HTML 4Page - STMicroelectronics M25P16-VME3TP Datasheet HTML 5Page - STMicroelectronics M25P16-VME3TP Datasheet HTML 6Page - STMicroelectronics M25P16-VME3TP Datasheet HTML 7Page - STMicroelectronics M25P16-VME3TP Datasheet HTML 8Page - STMicroelectronics M25P16-VME3TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
January 2007
Rev 10
1/55
1
M25P16
16 Mbit, low voltage, Serial Flash memory
with 50 MHz SPI bus interface
Features
■
16 Mbit of Flash memory
■
Page Program (up to 256 Bytes) in 0.64ms
(typical)
■
Sector Erase (512 Kbit) in 0.6s (typical)
■
Bulk Erase (16 Mbit) in 13s (typical)
■
2.7 V to 3.6 VV Single Supply Voltage
■
SPI Bus Compatible Serial Interface
■
50 MHz Clock Rate (maximum)
■
Deep Power-down Mode 1µA (typical)
■
Electronic Signatures
– JEDEC standard two-byte signature
(2015h)
– RES instruction, one-byte, signature (14h),
for backward compatibility
■
More than 100 000 Erase/Program cycles per
Sector
■
Hardware Write Protection: protected area size
defined by three non-volatile bits (BP0, BP1
and BP2)
■
More than 20 year data retention
■
Packages
– ECOPACK® (RoHS compliant)
VDFPN8 (ME)
8x6mm (MLP8)
SO16 (MF)
300 mils width
VFQFPN8 (MP)
6 × 5 mm (MLP8)
SO8N (MN)
150 mils width
SO8W (MW)
208 mils width
www.st.com


Similar Part No. - M25P16-VME3TP

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25P16-VME3TP NUMONYX-M25P16-VME3TP Datasheet
1Mb / 55P
16 Mbit, serial Flash memory, 75 MHz SPI bus interface
More results

Similar Description - M25P16-VME3TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
17-May-2004
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
16 Mbit, serial Flash memory, 75 MHz SPI bus interface
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com