Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7330 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ZLED7330
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7330 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ZLED7330 Datasheet HTML 1Page - Renesas Technology Corp ZLED7330 Datasheet HTML 2Page - Renesas Technology Corp ZLED7330 Datasheet HTML 3Page - Renesas Technology Corp ZLED7330 Datasheet HTML 4Page - Renesas Technology Corp ZLED7330 Datasheet HTML 5Page - Renesas Technology Corp ZLED7330 Datasheet HTML 6Page - Renesas Technology Corp ZLED7330 Datasheet HTML 7Page - Renesas Technology Corp ZLED7330 Datasheet HTML 8Page - Renesas Technology Corp ZLED7330 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ZLED7x30 Datasheet
4
April 20, 2016
List of Figures
Figure 1.1
ZLED7x30 Supply Operating Current vs. Input Supply Voltage (VIN = 8.5 to 40V) ......................................... 7
Figure 1.2
Efficiency (%) vs. Input Supply Voltage (VIN = 8.5 to 40V) Per Number of LEDs (Rs=0.10
Ω, L1=47μH)........ 7
Figure 1.3
Efficiency vs. Input Supply Voltage (VIN = 8.5 to 40V) Per Number of LEDs (Rs=0.15
Ω, L1=47μH).............. 8
Figure 1.4
Efficiency vs. Input Supply Voltage (VIN = 8.5 to 40V)
‡ Per Number of LEDs (Rs=0.30
Ω, L1=47μH)............. 8
Figure 1.5
Output Current Variation vs. Input Supply Voltage (VIN = 8.5 to 40V) Per Number of LEDs (Rs=0.15
Ω, L1=47μH)9
Figure 1.6
Sense Voltage vs. Operating Temperature (Rs=0.10
Ω, L1=47μH, VIN = 40 V) .............................................. 9
Figure 1.7
Switch Dimming Waveform (Dimming Mode 2) ............................................................................................ 10
Figure 1.8
LED Open-Circuit Protection (Rs=0.30
Ω, L1=47μH, VIN = 24 V) .................................................................. 11
Figure 3.1
ZLED7x30 Application Circuit for Switch Dimming ....................................................................................... 14
Figure 3.2
Basic ZLED7x30 Application Circuit with Output Current Determined only by Rs ........................................ 14
Figure 3.3
ZLED7x30 Application Circuit using a Halogen Electronic Transformer to Operate with AC Line Supply .... 15
Figure 5.1
ZLED7x30 Pin Configuration ........................................................................................................................ 20
List of Tables
Table 2.1
Dimming Configuration Options.................................................................................................................... 13
Table 3.1
Recommended Values for Sense Resistor Rs.............................................................................................. 16
Table 5.1
ZLED7x30 Pin Descriptions—SOP-8 Package............................................................................................. 20
Table 5.2
Package Dimensions SOP-8 ........................................................................................................................ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com