Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7330 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZLED7330
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7330 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZLED7330 Datasheet HTML 10Page - Renesas Technology Corp ZLED7330 Datasheet HTML 11Page - Renesas Technology Corp ZLED7330 Datasheet HTML 12Page - Renesas Technology Corp ZLED7330 Datasheet HTML 13Page - Renesas Technology Corp ZLED7330 Datasheet HTML 14Page - Renesas Technology Corp ZLED7330 Datasheet HTML 15Page - Renesas Technology Corp ZLED7330 Datasheet HTML 16Page - Renesas Technology Corp ZLED7330 Datasheet HTML 17Page - Renesas Technology Corp ZLED7330 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ZLED7x30 Datasheet
14
April 20, 2016
Vin
I SENSE
LX
GND
ZLED7X30
D1
LED
String
Vs = 8.5 to 40 VDC
(C3)
Rs
L1
33 to 220 µH
C2
0.1µF
DIM1
DIM2
GND/Floating
GND/Floating
Switch
C1
≥220µF
Vin
I SENSE
LX
GND
ZLED7X30
D1
LED
String
Vs = 8.5 to 40 VDC
(C3)
Rs
L1
33 to 220 µH
C2
0.1µF
DIM1
DIM2
(C1)
3
Application Circuit Design
3.1
Applications
The ZLED7x30 is designed for applications requiring features such as high-speed switching, variable brightness
control, operation with voltages up to 40V, high efficiency, or protection from over-temperature, or open LED circuit
conditions.
Typical applications include MR16/MR11 LED spot lights, LED street lights, parabolic aluminized reflector (PAR) LED
lights, and other general purpose industrial and consumer LED applications.
Figure 3.1 shows the minimum configuration for switch dimming applications. Figure 3.2 demonstrates the basic
application circuit with the additional capacitors C1 and C3 for enhanced performance. For dimensioning of the
current sense resistor, see section 2. An example of operation with a halogen lamp electronic transformer is shown in
Figure 3.3.
Figure 3.1
ZLED7x30 Application Circuit for Switch Dimming
Figure 3.2
Basic ZLED7x30 Application Circuit with Output Current Determined only by Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com