Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7330 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZLED7330
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7330 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZLED7330 Datasheet HTML 1Page - Renesas Technology Corp ZLED7330 Datasheet HTML 2Page - Renesas Technology Corp ZLED7330 Datasheet HTML 3Page - Renesas Technology Corp ZLED7330 Datasheet HTML 4Page - Renesas Technology Corp ZLED7330 Datasheet HTML 5Page - Renesas Technology Corp ZLED7330 Datasheet HTML 6Page - Renesas Technology Corp ZLED7330 Datasheet HTML 7Page - Renesas Technology Corp ZLED7330 Datasheet HTML 8Page - Renesas Technology Corp ZLED7330 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
High Current 40V LED Driver
with Switch Dimming
ZLED7x30
Datasheet
© 2016 Integrated Device Technology, Inc.
1
April 20, 2016
Vin
I SENSE
LX
GND
ZLED7x30
D1
LED
String
Vs = 8.5 to 40 VDC
(C3)
Rs
L1
33 to 220 µH
C2
0.1µF
DIM1
DIM2
GND/Floating
GND/Floating
Switch
C1
≥220µF
Brief Description
The ZLED7x30 continuous-mode inductive step-
down converter family is one of our ZLED LED-
control ICs. It is designed for applications requiring
high brightness and high current. The ZLED7x30
can efficiently drive a single LED or multiple
series-connected LEDs from a voltage input higher
than the LED forward voltage (Vin = 8.5 to
40VDC). It provides an adjustable output current
(1.2A maximum), which is set via an external
resistor
and
controlled
by
the
ZLED7x30’s
integrated high-side output current-sensing circuit
and high speed internal 40V power switch. Its low
conducting impedance ensures high system effi-
ciency.
The ZLED7x30 provides a switch dimming func-
tion. It detects external switch action to adjust out-
put current, allowing dimming functionality to be
achieved without changing the original lighting sys-
tem circuitry.
The switch dimming is implemented in either two-
level mode or three-level mode. The output current
of every level and the total number of levels are
customer selected by setting the corresponding
input conditions of DIM1 and DIM2 pin.
The ZLED7x30 enables diverse industrial and
consumer
lighting
applications
requiring
high
driving currents, wide operating voltage range,
high efficiency, and variable brightness control. It
offers over-temperature and LED open-circuit
protection. The ZLED7x30 can also minimize bill-
of-material
costs
because
very few
external
components are required for most applications.
Only a resistor, a diode, an inductor, and three
capacitors
are
needed
for
a
typical
basic
application.
ZLED7x30 Typical Application Circuit
Features
• Switch dimming with multiple levels
• Three modes for output level settings
• Up to 1.2A output current
• Internal 40V power switch
• Wide DC input voltage range 8.5 to 40 VDC
• Output current accuracy: 5% (typical)
• LED open-circuit protection
• Thermal shutdown protection
Benefits
• High efficiency: up to 98%
• Very few external components needed for
operation
• Adds switch dimming function to existing
installation
Available Support
• Evaluation Kit
Physical Characteristics
• Operating temperature: -40°C to 105°C
• Switching frequency: up to 1MHz
• SOP-8 package
ZLED7x30 Family Selection Matrix
Product
Max. Current Output
Package
ZLED7030
1.2A
SOP-8
ZLED7330
1.0A
SOP-8
ZLED7530
0.75A
SOP-8
ZLED7730
0.35A
SOP-8


Similar Part No. - ZLED7330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7330 ETC2-ZLED7330 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7330 ETC2-ZLED7330 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
logo
Integrated Device Techn...
ZLED7330 IDT-ZLED7330 Datasheet
615Kb / 22P
High Current 40V LED Driver with Switch Dimming
logo
List of Unclassifed Man...
ZLED7330-ZI1R ETC2-ZLED7330-ZI1R Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
More results

Similar Description - ZLED7330

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
List of Unclassifed Man...
ZLED7020 ETC2-ZLED7020 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7030 ETC2-ZLED7030 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7330 ETC2-ZLED7330 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7530 ETC2-ZLED7530 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7720 ETC2-ZLED7720 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7730 ETC2-ZLED7730 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
logo
Integrated Device Techn...
ZLED7030 IDT-ZLED7030 Datasheet
615Kb / 22P
High Current 40V LED Driver with Switch Dimming
logo
Integrated Silicon Solu...
IS31LT3380-GRLS3 ISSI-IS31LT3380-GRLS3 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
Renesas Technology Corp
ZLED7X20 RENESAS-ZLED7X20 Datasheet
730Kb / 28P
High Current 40V LED Driver with Internal Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com