Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7330 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZLED7330
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7330 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZLED7330 Datasheet HTML 12Page - Renesas Technology Corp ZLED7330 Datasheet HTML 13Page - Renesas Technology Corp ZLED7330 Datasheet HTML 14Page - Renesas Technology Corp ZLED7330 Datasheet HTML 15Page - Renesas Technology Corp ZLED7330 Datasheet HTML 16Page - Renesas Technology Corp ZLED7330 Datasheet HTML 17Page - Renesas Technology Corp ZLED7330 Datasheet HTML 18Page - Renesas Technology Corp ZLED7330 Datasheet HTML 19Page - Renesas Technology Corp ZLED7330 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ZLED7x30 Datasheet
16
April 20, 2016
)
(
*
*
LX
L
S
AVG
LED
IN
ON
R
r
R
I
V
V
I
L
t
+
+
=
)
(
*
*
L
S
AVG
D
LED
OFF
r
R
I
V
V
I
L
t
+
+
+
=
To ensure stable output current, use a 1% accuracy resistor with adequate power tolerance and a good temperature
characteristic for Rs.
Table 3.1
Recommended Values for Sense Resistor Rs
Nominal Average Output Current (mA)
Value for RS
(Ω)
1200 (maximum for ZLED7030)
0.082
1000 (maximum for ZLED7330)
0.1
750 (maximum for ZLED7530)
0.13
667
0.15
350 (maximum for ZLED7730)
0.27
333
0.3
3.3.2
Inductor L1
The recommended range for the L1 inductor is 33
μH to 220μH. Select the inductor value for L1 as needed to ensure
that switch on/off times are optimized across the load current and supply voltage ranges. If the application requires a
high supply voltage and low output current, inductance values at the high end of this range are recommended to
minimize errors due to switching delays, which can reduce efficiency and increase ripple on the output. Also see
section 3.4 for layout considerations for L1. Equations (3) and (4) can be used to calculate tON and tOFF.
On Time for LX Switch (tONmin>200ns):
(3)
Off Time for LX Switch (tOFFmin>200ns):
(4)
Where:
Symbol
Description
L
L1 coil inductance in H
ΔI
L1 coil peak-peak ripple current in A (internally set to 0.3
∗ I
AVG)
VIN
Supply voltage in V
VLED
Total forward voltage in V for LED string
IAVG
Nominal average LED current in A
Rs
External current sense resisto
r in Ω
rL
L1 coil resistance in Ω
RLX
LX switch resistance in Ω
VD
D1 diode forward voltage at the required load current in V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com