Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F262G1B6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 9Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 10Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 11Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 12Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 13Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 14Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 15Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 16Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
13/172
Legend: x=Undefined, R/W=Read/Write
Notes:
1. The contents of the I/O port DR registers are readable only in output configuration. In input configura-
tion, the values of the I/O pins are returned instead of the DR register contents.
2. The bits associated with unavailable pins must always keep their reset value.
3. For compatibility with the ST72C254, the ADCDRL and ADCDRH data registers are located with the
LSB on the lower address (6Fh) and the MSB on the higher address (70h). As this scheme is not little En-
dian, the ADC data registers cannot be treated by C programs as an integer, but have to be treated as two
char registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com