Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F262G1B6 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 43Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 44Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 45Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 46Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 47Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 48Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 49Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 50Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
47/172
MISCELLANEOUS REGISTERS (Cont’d)
MISCELLANEOUS REGISTER 2 (MISCR2)
Read/Write
Reset Value: 0000 0000 (00h)
Caution: This register has been provided for com-
patibility with the ST72254 family only. The same
bits are available in the SPICSR register. New ap-
plications must use the SPICSR register. Do not
use both registers, this will cause the SPI to mal-
function.
Bits 7:4 = Reserved always read as 0
Bits 3 = MOD SPI Master Output Disable
This bit is set and cleared by software. When set, it
disables the SPI Master (MOSI) output signal.
0: SPI Master Output enabled.
1: SPI Master Output disabled.
Bit 2 = SOD SPI Slave Output Disable
This bit is set and cleared by software. When set it
disable the SPI Slave (MISO) output signal.
0: SPI Slave Output enabled.
1: SPI Slave Output disabled.
Bit 1 = SSM SS mode selection
This bit is set and cleared by software.
0: Normal mode - the level of the SPI SS signal is
input from the external SS pin.
1: I/O mode, the level of the SPI SS signal is read
from the SSI bit.
Bit 0 = SSI SS internal mode
This bit replaces the SS pin of the SPI when the
SSM bit is set to 1. (see SPI description). It is set
and cleared by software.
Table 11. Miscellaneous Register Map and Reset Values
70
0
0
0
0
MOD SOD
SSM
SSI
Address
(Hex.)
Register
Label
76543
210
0020h
MISCR1
Reset Value
IS11
0
IS10
0
MCO
0
IS01
0
IS00
0
CP1
0
CP0
0
SMS
0
0040h
MISCR2
Reset Value
0000
MOD
0
SOD
0
SSM
0
SSI
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com