Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F262G1B6 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 38Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 39Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 40Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 41Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 42Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 43Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 44Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 45Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
42/172
I/O PORTS (Cont’d)
9.7 DEVICE-SPECIFIC I/O PORT CONFIGURATION
The I/O port register configurations are summa-
rised as follows.
Interrupt Ports
PA7, PA5, PA3:0, PB7:0, PC5:0 (with pull-up)
True Open Drain Interrupt Ports
PA6, PA4 (without pull-up)
Table 9. Port Configuration
MODE
DDR
OR
floating input
0
0
pull-up interrupt input
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
OR
floating input
0
0
floating interrupt input
0
1
open drain (high sink ports)
1
X
Port
Pin Name
Input (DDR = 0)
Output (DDR = 1)
OR = 0
OR = 1
OR = 0
OR = 1
High-Sink
Port A
PA7
floating
pull-up interrupt
open drain
push-pull
Yes
PA6
floating
floating interrupt
true open-drain
PA5
floating
pull-up interrupt
open drain
push-pull
PA4
floating
floating interrupt
true open-drain
PA3:0
floating
pull-up interrupt
open drain
push-pull
Port B
PB7:0
floating
pull-up interrupt
open drain
push-pull
No
Port C
PC5:0
floating
pull-up interrupt
open drain
push-pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com