Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F262G1B6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 42Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 43Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 44Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 45Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 46Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 47Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 48Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 49Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
46/172
MISCELLANEOUS REGISTERS (Cont’d)
10.3 MISCELLANEOUS REGISTER DESCRIPTION
MISCELLANEOUS REGISTER 1 (MISCR1)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = IS1[1:0] ei1 sensitivity
The interrupt sensitivity, defined using the IS1[1:0]
bits, is applied to the ei1 external interrupts. These
two bits can be written only when the I[1:0] bits in
the CC register are set to 1 (interrupt masked).
ei1: Port B (C optional)
Bit 5 = MCO Main clock out selection
This bit enables the MCO alternate function on the
PC2 I/O port. It is set and cleared by software.
0: MCO alternate function disabled (I/O pin free for
general-purpose I/O)
1: MCO alternate function enabled (fCPU on I/O
port)
Bits 4:3 = IS0[1:0] ei0 sensitivity
The interrupt sensitivity, defined using the IS0[1:0]
bits, is applied to the ei0 external interrupts. These
two bits can be written only when the I[1:0] bits in-
the CC register are set to 1 (interrupt masked).
ei0: Port A (C optional)
Bits 2:1 = CP[1:0] CPU clock prescaler
These bits select the CPU clock prescaler which is
applied in the various slow modes. Their action is
conditioned by the setting of the SMS bit. These
two bits are set and cleared by software
Bit 0 = SMS Slow mode select
This bit is set and cleared by software.
0: Normal mode. fCPU = fOSC2
1: Slow mode. fCPU is given by CP1, CP0
See low power consumption mode and MCC
chapters for more details.
70
IS11
IS10
MCO
IS01
IS00
CP1
CP0
SMS
External Interrupt Sensitivity
IS11 IS10
Falling edge & low level
0
0
Rising edge only
0
1
Falling edge only
1
0
Rising and falling edge
1
1
External Interrupt Sensitivity
IS01 IS00
Falling edge & low level
0
0
Rising edge only
0
1
Falling edge only
1
0
Rising and falling edge
1
1
fCPU in SLOW mode
CP1
CP0
fOSC2 / 2
0
0
fOSC2 / 4
1
0
fOSC2 / 8
0
1
fOSC2 / 16
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com