Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP174A Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MP174A
Description  700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP174A Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MP174A Datasheet HTML 1Page - MPS Industries, Inc. MP174A Datasheet HTML 2Page - MPS Industries, Inc. MP174A Datasheet HTML 3Page - MPS Industries, Inc. MP174A Datasheet HTML 4Page - MPS Industries, Inc. MP174A Datasheet HTML 5Page - MPS Industries, Inc. MP174A Datasheet HTML 6Page - MPS Industries, Inc. MP174A Datasheet HTML 7Page - MPS Industries, Inc. MP174A Datasheet HTML 8Page - MPS Industries, Inc. MP174A Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP174A – NON-ISOLATED OFF-LINE REGULATOR
MP174A Rev. 1.0
www.MonolithicPower.com
4
2/27/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Drain to source.............................. -0.3V to 700V
All other pins .................................. -0.3V to 6.5V
Continuous Power Dissipation.... (TA = +25°C)(2)
TSOT23-5 ...................................................... 1W
SOIC8............................................................. 1W
Junction Temperature............................... 150°C
Lead Temperature .................................... 260°C
Storage Temperature................-60°C to +150°C
ESD Capability Human Body Mode .......... 2.0kV
ESD Charged Device Model
TSOT23-5 .................................................. 1.5kV
SOIC8......................................................... 2.0kV
Recommended Operating Conditions (3)
Operating Junction Temp. (TJ). -40°C to +125°C
Operating VCC range ..................... 5.3V to 5.6V
Thermal Resistance (4)
θJA
θJC
TSOT23-5 .............................. 100......55 ...°C/W
SOIC-8 .................................... 96.......45 ...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowance continuous power dissipation at
any
ambient
temperature
is
calculated
by
PD(MAX)=(TJ(MAX)-TA)/θJA.
Exceeding
the
maximum
allowance power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuit protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com