Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP174A Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MP174A
Description  700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP174A Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MP174A Datasheet HTML 9Page - MPS Industries, Inc. MP174A Datasheet HTML 10Page - MPS Industries, Inc. MP174A Datasheet HTML 11Page - MPS Industries, Inc. MP174A Datasheet HTML 12Page - MPS Industries, Inc. MP174A Datasheet HTML 13Page - MPS Industries, Inc. MP174A Datasheet HTML 14Page - MPS Industries, Inc. MP174A Datasheet HTML 15Page - MPS Industries, Inc. MP174A Datasheet HTML 16Page - MPS Industries, Inc. MP174A Datasheet HTML 17Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP174A – NON-ISOLATED OFF-LINE REGULATOR
MP174A Rev. 1.0
www.MonolithicPower.com
13
2/27/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Use Equation (2) to determine the output voltage:

R1 R2
Vo 2.55V
R2
(2)
Frequency
Foldback
and
Peak
Current
Compression
The MP174A remains highly efficient under a
light-load condition by reducing the switching
frequency automatically.
Under light-load or no-load conditions, the output
voltage drops very slowly, which increases the
MOSFET
off
time.
Thus,
the
frequency
decreases as the load decreases.
Determine the switching frequency with Equation
(3) and Equation (4):
in
o
o
s
peak
o
in
(V
V )
V
f
2L(I
I ) V

, for CCM
(3)

in
O
o
o
s
2
peak
in
2(V
V ) I V
f
LI
V
, for DCM
(4)
At the same time, the peak current limit
decreases from 660mA as the off time increases.
In standby mode, the frequency and the peak
current are both minimized, allowing for a smaller
dummy
load.
As
a
result,
peak-current
compression
helps
further
reduce
no-load
consumption. The peak current limit can be
estimated with Equation (5).
τOff is the power
module’s off time.

    
Peak
Off
I
660mA (4.8mA / s) (
12 s) (5)
EA Compensation
-
+
VFB
M
-
+
Vref
2.55V
EA
-
+
FB
Comparator
Vramp
Vramp
Ipeak
+
+
Figure 4: EA and Ramp Compensation
The MP174A has an internal error amplifier (EA)
compensation loop. It samples the feedback
voltage 6μs after the MOSFET turns off and
regulates the output based on the 2.55V
reference voltage.
Ramp Compensation
An internal ramp compensation circuit improves
the load regulation. There is an exponential
voltage signal added to pull down the reference
voltage of the feedback comparator (see Figure
4). The ramp compensation is a function of the
load conditions: the compensation is 1mV/µs
under
full-load
conditions;
compensation
increases exponentially as the peak current
decreases.
Over-Load Protection (OLP)
The maximum output power of the MP174A is
limited by the maximum switching frequency and
peak current limit. If the load current is too large,
the output voltage drops, so the FB voltage drops.
When the FB voltage drops below 1.7V it is
considered an error flag and the timer starts. If
the timer reaches 220ms (fS=28kHz), OLP occurs.
This timer duration avoids triggering OLP when
the power supply starts up or the load transitions.
The power supply should start up in less than
220ms (fS=28kHz). The OLP delay time is
calculated using Equation (6):

Delay
28kHz
220ms
fs
(6)
Short-Circuit Protection (SCP)
The MP174A monitors the peak current and
shuts down when the peak current rises above
the SCP threshold through short-circuit protection.
The power supply resumes operation with the
removal of the fault. During soft start and the
following 512 switching cycles, the SCP is
blanked, in order to guarantee successful start-
up with a large output capacitor.
Thermal Shutdown (OTP)
To prevent thermal induced damage, the
MP174A stops switching when the junction
temperature exceeds 150°C. During the thermal
shutdown
(OTP),
the
VCC
capacitor
is
discharged to 2.4V, and the internal high-voltage
regulator re-charges. The MP174A recovers
when the junction temperature drops below
120°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com