Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP174A Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # MP174A
Description  700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP174A Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button MP174A Datasheet HTML 14Page - MPS Industries, Inc. MP174A Datasheet HTML 15Page - MPS Industries, Inc. MP174A Datasheet HTML 16Page - MPS Industries, Inc. MP174A Datasheet HTML 17Page - MPS Industries, Inc. MP174A Datasheet HTML 18Page - MPS Industries, Inc. MP174A Datasheet HTML 19Page - MPS Industries, Inc. MP174A Datasheet HTML 20Page - MPS Industries, Inc. MP174A Datasheet HTML 21Page - MPS Industries, Inc. MP174A Datasheet HTML 22Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP174A – NON-ISOLATED OFF-LINE REGULATOR
MP174A Rev. 1.0
www.MonolithicPower.com
18
2/27/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Table 2: Recommended Capacitance
Surge
voltage
500V
1000V
2000V
C1
1μF
2.2μF
3.3μF
C2
1μF
2.2μF
3.3μF
Layout Guide
PCB layout is critical for reliable operation, good
EMI, and thermal performance. Refer to Figure
10 and follow the guidelines below to optimize
performance:
1) Minimize the loop area formed by the input
capacitor, IC, freewheeling diode, inductor,
and output capacitor.
2) Place the power inductor far away from the
input filter while minimizing the loop area to
the inductor.
3) Place a capacitor valued at several hundred
pF between the FB pin and source as close
to the IC as possible.
4) Connect the exposed pads or large copper
area with the DRAIN pin to improve thermal
performance.
Top
Bottom Layer
Figure 10: PCB Layout
Design Example
Below is a design example following the
application guidelines for the specifications below:
Table 3: Design Example
VIN
85VAC to 265VAC
VOUT
12V
IOUT
300mA
The detailed application schematic is shown in
Figure 11. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device application, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com