Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP174A Datasheet(PDF) 12 Page - MPS Industries, Inc.

Part # MP174A
Description  700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP174A Datasheet(HTML) 12 Page - MPS Industries, Inc.

Back Button MP174A Datasheet HTML 8Page - MPS Industries, Inc. MP174A Datasheet HTML 9Page - MPS Industries, Inc. MP174A Datasheet HTML 10Page - MPS Industries, Inc. MP174A Datasheet HTML 11Page - MPS Industries, Inc. MP174A Datasheet HTML 12Page - MPS Industries, Inc. MP174A Datasheet HTML 13Page - MPS Industries, Inc. MP174A Datasheet HTML 14Page - MPS Industries, Inc. MP174A Datasheet HTML 15Page - MPS Industries, Inc. MP174A Datasheet HTML 16Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP174A – NON-ISOLATED OFF-LINE REGULATOR
MP174A Rev. 1.0
www.MonolithicPower.com
12
2/27/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
The
MP174A
is
a
green-mode-operation
regulator: the peak current and the switching
frequency both decrease with a decreasing load.
As a result, it offers excellent light-load efficiency
and improves average efficiency. The typical
application diagram shows the regulator operates
with a minimum number of external components.
Start-Up and Under-Voltage Lockout
The internal high-voltage regulator self-supplies
the IC from the Drain pin. When VCC voltage
reaches 5.6V, the IC starts switching, and the
internal high-voltage regulator turns off. The
internal high-voltage regulator turns on to charge
the external VCC capacitor when the VCC
voltage falls below 5.3V. A small capacitor (in the
low μF range) can maintain the VCC voltage and
lower the capacitor cost.
The IC stops switching when the VCC voltage
drops below 3.4V.
Under fault conditions—such as OLP, SCP, and
OTP—the IC stops switching and an internal
current source (~16μA) discharges the VCC
capacitor. The internal high-voltage regulator will
not charge the VCC capacitor until the VCC
voltage drops below 2.4V. The restart time can
be estimated using Equation (1):

CC
restart
VCC
VCC
V2.4V
5.6V 2.4V
CC
16 A
4.1mA
(1)
Soft Start
The IC stops operation when the VCC voltage
drops below 3.4V, and it starts operation when
VCC is charged to 5.6V. Every time the chip
starts operation there is a soft-start period. The
soft start prevents the inductor current from
overshooting by limiting the minimum off time.
The MP174A adopts a 2 phase minimum off time
limit soft start. Each soft-start phase retains 256
switching cycles. During soft start, the off time
limit gradually shortens from 48μs to 24μs, and
finally to the 12μs normal operation off time limit
(see Figure 2).
Figure 2:
Min_ off at Start-Up
Constant Voltage Operation
The MP174A acts as a fully-integrated regulator
when used in the buck topology (see the Typical
Application on page 1).
It regulates the output voltage by monitoring the
sampling capacitor.
At the beginning of each cycle, the integrated
MOSFET turns on while the feedback voltage
drops below the 2.55V reference voltage, which
indicates insufficient output voltage. The peak
current limitation determines the ON period. After
the ON period elapses, the integrated MOSFET
turns off. The sampling capacitor (C3) voltage is
charged to the output voltage when the
freewheeling diode (D1) turns on. This allows the
sampling capacitor (C3) to sample and hold the
output voltage for the output regulation. The
sampling capacitor (C3) voltage decreases when
the L1 inductor current falls below the output
current. When the feedback voltage falls below
the 2.55V reference voltage, a new switching
cycle begins. Figure 3 shows this operation
under CCM in detail.
MOSFET
Diode
I
L
Ipeak
Io
Vo
VFB
2.55V
Figure 3: VFB vs. VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com