Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8794 Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MP8794
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794 Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MP8794 Datasheet HTML 1Page - MPS Industries, Inc. MP8794 Datasheet HTML 2Page - MPS Industries, Inc. MP8794 Datasheet HTML 3Page - MPS Industries, Inc. MP8794 Datasheet HTML 4Page - MPS Industries, Inc. MP8794 Datasheet HTML 5Page - MPS Industries, Inc. MP8794 Datasheet HTML 6Page - MPS Industries, Inc. MP8794 Datasheet HTML 7Page - MPS Industries, Inc. MP8794 Datasheet HTML 8Page - MPS Industries, Inc. MP8794 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
4
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
BST
Bootstrap. Connect a capacitor between SW and BST to form a floating supply across
the high-side switch driver.
2
AGND
Analog ground. Select AGND as the control circuit reference point.
3
CS
Current limit. Connect a resistor to AGND to set the current limit trip point.
4
MODE
Operation mode selection. Program MODE to select the operating switching frequency.
See Table 1 on page 14 for additional details.
5
REF/TRK
External tracking voltage input. Decouple REF/TRK by placing a ceramic capacitor as
close to the pin as possible. X7R or X5R grade dielectric ceramic capacitors are
recommended for their stable temperature characteristics. The capacitance of the
capacitor determines the soft-start time. See Equation 2 on page 14 for additional details.
6
VSNS-
Differential remote-sense negative input. Connect VSNS- directly to the negative side
of the voltage sense point. Short VSNS- to GND if the remote sense is not used.
7
FB
Feedback (differential remote-sense positive input). An external resistor divider from
the output to VSNS-, tapped to FB, sets the output voltage. It is recommended to place
the resistor divider as close to FB as possible. Avoid placing vias on the FB traces.
8
EN
Enable. EN is an input signal that turns the regulator on or off. Drive EN high to turn the
regulator on; drive EN low to turn it off. For automatic start-up, connect EN to VIN through
a pull-up resistor or a resistive voltage divider. Do not float EN.
9
PGOOD
Power good output. PGOOD is an open-drain signal. A pull-up resistor connected to a
DC voltage is required to indicate a logic high signal if the output voltage is within
regulation. There is a delay of about 0.9ms between the time FB becomes greater than or
equal to 92.5% of the REF and the time PGOOD pulls high.
10, 21
VIN
Input voltage. VIN supplies power to the internal MOSFET and regulator. Input
capacitors are required to decouple the input rail. Use wide PCB traces to make the
connection.
11
–18
PGND
System ground. PGND is the reference ground of the regulated output voltage, and
requires careful consideration while designing the PCB layout. Use wide PCB traces to
make the connection.
19
VCC
Internal 3V LDO output. The driver and control circuits are powered by the VCC
pin’s
voltage. Decouple VCC with a minimum 1µF ceramic capacitor, placed as close to the pin
as possible. X7R or X5R grade dielectric ceramic capacitors are recommended for their
stable temperature characteristics.
20
SW
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is driven up to
VIN by the high-side switch during the on time of the PWM duty cycle. The inductor
current drives SW low during the off time. Use wide PCB traces to make the connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com