Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8794 Datasheet(PDF) 8 Page - MPS Industries, Inc.

Part # MP8794
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794 Datasheet(HTML) 8 Page - MPS Industries, Inc.

Back Button MP8794 Datasheet HTML 4Page - MPS Industries, Inc. MP8794 Datasheet HTML 5Page - MPS Industries, Inc. MP8794 Datasheet HTML 6Page - MPS Industries, Inc. MP8794 Datasheet HTML 7Page - MPS Industries, Inc. MP8794 Datasheet HTML 8Page - MPS Industries, Inc. MP8794 Datasheet HTML 9Page - MPS Industries, Inc. MP8794 Datasheet HTML 10Page - MPS Industries, Inc. MP8794 Datasheet HTML 11Page - MPS Industries, Inc. MP8794 Datasheet HTML 12Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
8
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, TA = 25°C, VOUT = 1.2V, fSW = 800kHz, unless otherwise noted.
Efficiency
Pulse skip, 0.4
μH, 800kHz
Efficiency
Forced CCM, 0.4
μH, 800kHz
50
55
60
65
70
75
80
85
90
95
100
0
5
10
15
20
LOAD CURRENT (A)
Vo=1V
Vo=2.5V
Vo=5V
50
55
60
65
70
75
80
85
90
95
100
0
5
10
15
20
Vo=5V
Vo=2.5V
Vo=1V
OUTPUT CURRENT (A)
Thermal Results
800kHz, no air flow
Switching Frequency vs. Output
Current
Forced CCM
10
20
30
40
50
60
70
80
90
100
110
0
2
4
6
8
10
12
14
16
18
20
Vo=5V
Vo=2.5V
Vo=1V
OUTPUT CURRENT (A)
500
600
700
800
900
1000
1100
1200
0
2
4
6
8
10 12 14
16
18
20
600KHz
800KHz
1000KHz
OUTPUT CURRENT (A)
Output Voltage Load Regulation
1
1.002
1.004
1.006
1.008
1.01
1.012
1.014
1.016
1.018
1.02
0
5
10
15
20
LOAD CURRENT (A)
PULSE SKIP
FORCED CCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com