Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8794 Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # MP8794
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794 Datasheet(HTML) 3 Page - MPS Industries, Inc.

  MP8794 Datasheet HTML 1Page - MPS Industries, Inc. MP8794 Datasheet HTML 2Page - MPS Industries, Inc. MP8794 Datasheet HTML 3Page - MPS Industries, Inc. MP8794 Datasheet HTML 4Page - MPS Industries, Inc. MP8794 Datasheet HTML 5Page - MPS Industries, Inc. MP8794 Datasheet HTML 6Page - MPS Industries, Inc. MP8794 Datasheet HTML 7Page - MPS Industries, Inc. MP8794 Datasheet HTML 8Page - MPS Industries, Inc. MP8794 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
3
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP8794GLE
QFN-21 (3mmx4mm)
See Below
1
* For Tape & Reel, add suffix
–Z (e.g. MP8794GLE–Z).
TOP MARKING
MP: MPS prefix
Y: Year code
W: Week code
8794: First four digits of the part number
LLL: Lot number
E: Wettable flank
PACKAGE REFERENCE
TOP VIEW
2
3
19
20
8
9
6
7
4
5
18
17
12
11
14
13
16
15
1
10
PGND
VCC
CS
AGND
MODE
EN
REF/TRK
FB
VSNS-
PGOOD
BST
PGND
PGND
PGND
PGND
PGND
PGND
PGND
SW
VIN
VIN
21
QFN-21 (3mmx4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com