Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8794 Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MP8794
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794 Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MP8794 Datasheet HTML 9Page - MPS Industries, Inc. MP8794 Datasheet HTML 10Page - MPS Industries, Inc. MP8794 Datasheet HTML 11Page - MPS Industries, Inc. MP8794 Datasheet HTML 12Page - MPS Industries, Inc. MP8794 Datasheet HTML 13Page - MPS Industries, Inc. MP8794 Datasheet HTML 14Page - MPS Industries, Inc. MP8794 Datasheet HTML 15Page - MPS Industries, Inc. MP8794 Datasheet HTML 16Page - MPS Industries, Inc. MP8794 Datasheet HTML 17Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
13
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
Constant-On-Time (COT) Control
The MP8794 employs constant-on-time (COT)
control to achieve a fast load transient response.
Figure 2 shows the details of the control stage
of the MP8794.
The operational amplifier (AMP) corrects any
voltage errors between the feedback voltage
(VFB) and the reference voltage (VREF). The
MP8794 can use AMP to provide excellent load
regulation over the entire load range in either
forced continuous conduction mode (CCM) or
pulse skip mode.
The dedicated VSNS- pin provides differential
output voltage remote sensing. The remote-
sense trace pair should be kept at low
impedance for optimal performance.
The MP8794 uses internal ramp compensation
to support a low-ESR MLCC output capacitor
solution.
The
adaptive
internal
ramp
is
optimized so that the MP8794 is stable across
the entire operating input and output voltage
ranges with a proper design of the output L/C
filter.
Adaptive
Ramp
On
Timer
PWM
COMP +
VREF
FB
PWM
Comparator
VSNS-
AMP
VSENS+
VSENS-
Σ
+
L
COUT
VIN
PGND
SW
HS-FET
LS-FET
Figure 2: COT Control
Pulse-Width Modulation (PWM) Operation
Figure 3 shows the generation of the pulse-
width modulation (PWM) signal. AMP corrects
any error between FB and REF, and generates
a fairly smooth DC voltage (COMP). The
internal ramp is superimposed onto COMP
when compared to the FB signal.
When VFB drops below the superimposed
COMP, the integrated high-side MOSFET (HS-
FET) turns on. The HS-FET remains on for a
fixed on time. The fixed on time is determined
by the input voltage, output voltage, and
selected switching frequency. After the on time
elapses, the HS-FET turns off. It turns on again
when VFB drops below the superimposed
COMP.
By
repeating
this
operation,
the
MP8794 regulates the output voltage.
To minimize conduction loss, the integrated
low-side MOSFET (LS-FET) turns on when the
HS-FET is off. A dead short occurs between
VIN and PGND if both the HS-FET and the LS-
FET are turned on at the same time. This is
called shoot-through. To avoid shoot-through, a
dead time (DT) is generated internally between
the HS-FET off period and LS-FET on period,
or vice versa.
PWM
REF
RAMP
FB
COMP
tON
HS-FET
Driver
LS-FET
Driver
IL
IO
Figure 3: Heavy-Load Operation (PWM)
CCM Operation
Continuous conduction mode (CCM) occurs
when the output current is high, and the
inductor current is always above 0A (see Figure
3). The MP8794 can be configured to operate in
forced CCM operation when the output current
is low (see the Mode Selection section on page
14 for details).
In CCM operation, the switching frequency is
fairly constant (PWM mode), so the output
ripple remains almost constant throughout the
entire load range.
Pulse Skip Operation
In light-load conditions, the MP8794 can be
configured to work in pulse skip mode to
optimize efficiency. When the load decreases,
the inductor current also decreases. Once the
inductor current reaches zero, the MP8794
transitions from CCM to pulse skip mode if the
MP8794 is configured in this way (see the
Mode Selection section on page 14 for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com