Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND04GA3C2AN1F Datasheet(PDF) 20 Page - STMicroelectronics

Part # NAND04GA3C2AN1F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN1F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button NAND04GA3C2AN1F Datasheet HTML 16Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 17Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 18Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 19Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 20Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 21Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 22Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 23Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
6 Device operations
NAND04GA3C2A, NAND04GW3C2A
20/51
Figure 6.
Random Data Output
6.4
Cache Read
The Cache Read operation is used to improve the read throughput by reading data using
the Cache Register. As soon as the user starts to read one page, the device automatically
loads the next page into the Cache Register.
An Cache Read operation consists of three steps (see Table 8):
1.
One bus cycle is required to setup the Cache Read command (the same as the
standard Read command).
2.
Five bus cycles are then required to input the Start Address (refer to Table 6).
3.
One bus cycle is required to issue the Cache Read confirm command to start the P/E/R
Controller.
The Start Address must be at the beginning of a page (Column Address = 000h, see Table
7.). This allows the data to be output uninterrupted after the latency time (tBLBH1), see
Figure 7.
I/O
RB
Address
Inputs
ai08658b
Data Output
Busy
tBLBH1
(Read Busy time)
000h
Cmd
Code
30h
Address
Inputs
Data Output
05h
E0h
5 Add cycles
Main Area
Spare
Area
Col Add 1,2
Row Add 1,2,3
Cmd
Code
Cmd
Code
Cmd
Code
2Add cycles
Main Area
Spare
Area
Col Add 1,2
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com