Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND04GA3C2AN1F Datasheet(PDF) 49 Page - STMicroelectronics

Part # NAND04GA3C2AN1F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN1F Datasheet(HTML) 49 Page - STMicroelectronics

Back Button NAND04GA3C2AN1F Datasheet HTML 43Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 44Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 45Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 46Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 47Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 48Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 49Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 50Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
NAND04GA3C2A, NAND04GW3C2A
14 Part numbering
49/51
14
Part numbering
Devices are shipped from the factory with the memory content bits, in valid blocks, erased to
’1’. For further information on any aspect of this device, please contact your nearest ST
Sales Office.
Table 22.
Ordering Information Scheme
Example:
NAND04GW3C2A
N
1
E
Device Type
NAND Flash Memory
Density
04G = 4Gb
Operating Voltage
W = VDDQ = 2.7 to 3.6V
A = VDDQ = 1.7V to 1.95V
Bus Width
3 = x8
Family Identifier
C = 2112 Bytes Page MLC
Device Options
2 = Chip Enable Don't Care Enabled
Product Version
A = First Version
Package
N = TSOP48 12 x 20mm (all devices)
Temperature Range
1 = 0 to 70 °C
6 =
−40 to 85 °C
Option
E = ECOPACK Package, Standard Packing
F = ECOPACK Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com