Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND04GA3C2AN1F Datasheet(PDF) 33 Page - STMicroelectronics

Part # NAND04GA3C2AN1F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN1F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button NAND04GA3C2AN1F Datasheet HTML 29Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 30Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 31Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 32Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 33Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 34Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 35Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 36Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
NAND04GA3C2A, NAND04GW3C2A
10 Program and erase times and endurance cycles
33/51
10
Program and erase times and endurance cycles
The Program and Erase times and the number of Program/ Erase cycles per block are
shown in Table 14
Table 14.
Program, Erase Times and Program Erase Endurance Cycles
Parameters
NAND04GA3C2A, NAND04GW3C2A
Unit
Min
Typ
Max
Page Program Time
800
2000
µs
Block Erase Time
1.5
3ms
Program/Erase Cycles (per block)
10,000
cycles
Data Retention
10
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com