Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND04GA3C2AN1F Datasheet(PDF) 28 Page - STMicroelectronics

Part # NAND04GA3C2AN1F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN1F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button NAND04GA3C2AN1F Datasheet HTML 24Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 25Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 26Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 27Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 28Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 29Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 30Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 31Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
7 Data Protection
NAND04GA3C2A, NAND04GW3C2A
28/51
7
Data Protection
The device has hardware features to protect against Program and Erase operations.
It features a Write Protect, WP, pin, which can be used to protect the device against program
and erase operations. It is recommended to keep WP at VIL during power-up and power-
down.
8
Embedded ECC accelerator
The NAND04GA3C2A and NAND04GW3C2A devices include a powerful embedded Error
Correction Code (ECC) accelerator. This feature ensures high memory reliability and fast
data throughput while simplifying the design of the memory application.
If the embedded ECC accelerator cannot be used, it is strongly recommended to use an
external hardware accelerator to maintain the same data throughput. If this proves to be
impossible, a software ECC can be implemented. However, this solution will result in lower
performance compared to the hardware ECC solution.
The ECC operation and command set are described in a dedicated application note. Please
contact the nearest STMicroelectronics sales office for
further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com