Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9027SPRO Datasheet(PDF) 7 Page - ESS Technology,Inc

Part # ES9027SPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027SPRO Datasheet(HTML) 7 Page - ESS Technology,Inc

Back Button ES9027SPRO Datasheet HTML 3Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 4Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 5Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 6Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 7Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 8Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 9Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 10Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 11Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
7
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
48 QFP/QFN Pin Descriptions
Pin
Name
Pin Type
Reset State
Pin Description
1
DAC1
AO
Ground
Differential Positive Output for Channel 1
2
DAC1B
AO
Ground
Differential Negative Output for Channel 1
3
DAC3B
AO
Ground
Differential Negative Output for Channel 3
4
DAC3
AO
Ground
Differential Positive Output for Channel 3
5
AVCC_L
Power
Power
3.3V DAC analog output stage reference supply for the Left side
6
CHIP_EN
I
HiZ
Active-high Chip Enable
7
RT1
I
HiZ
Reserved. Must be connected to GND for normal operation.
8
GND
Ground
Ground
Ground
9
DAC5
AO
Ground
Differential Positive Output for Channel 5
10
DAC5B
AO
Ground
Differential Negative Output for Channel 5
11
DAC7B
AO
Ground
Differential Negative Output for Channel 7
12
DAC7
AO
Ground
Differential Positive Output for Channel 7
13
DVDD
Power
Power
Digital Core Supply, 1.2V
14
GND
Ground
Ground
Ground
15
MOSI/SDA/HW0
I
HiZ
Serial communication for SPI/I2C & HW0 interface pin, controlled by MODE
16
SCLK/SCL/HW1
I
HiZ
Serial Clock for SCLK (SPI), SCL (I2C), also HW1 controlled by MODE pin
17
MODE
I
HiZ
I2C/SPI Control selection or HW mode
18
MCLK
I
HiZ
Oscillator input
19
VCCA
Power
Power
Analog Supply, 3.3V
20
GPIO1
I/O
HiZ
General I/O w/extended functions
21
GPIO2
I/O
HiZ
General I/O w/extended functions
22
GPIO3
I/O
HiZ
General I/O w/extended functions
23
GND
Ground
Ground
Ground
24
DVDD
Power
Power
Digital Supply, 1.2V
25
DAC8
AO
Ground
Differential Positive Output for Channel 8
26
DAC8B
AO
Ground
Differential Negative Output for Channel 8
27
DAC6B
AO
Ground
Differential Negative Output for Channel 6
28
DAC6
AO
Ground
Differential Positive Output for Channel 6
29
GND
Ground
Ground
Ground
30
SS/ADDR1/HW2
I
HiZ
Serial communication for SPI/I2C & HW2 interface pin, controlled by MODE pin
31
MISO/ADDR0/
MUTE_CTRL
I
HiZ
Serial communication for SPI/I2C & MUTE_CTRL interface pin, controlled by MODE pin
32
AVCC_R
Power
Power
3.3V DAC analog output stage reference supply for the Right side
33
DAC4
AO
Ground
Differential Positive Output for Channel 4
34
DAC4B
AO
Ground
Differential Negative Output for Channel 4
35
DAC2B
AO
Ground
Differential Negative Output for Channel 2
36
DAC2
AO
Ground
Differential Positive Output for Channel 2
37
DVDD
Power
Power
Digital Supply, 1.2V
38
GND
Ground
Ground
Ground
39
DATA8/GPIO8
I/O
HiZ
Serial DATA8, General I/O 8
40
DATA7/GPIO7
I/O
HiZ
Serial DATA7, General I/O 7
41
DATA6/GPIO6
I/O
HiZ
Serial DATA6, General I/O 6
42
DATA5/GPIO5
I/O
HiZ
Serial DATA5, General I/O 5
43
DATA4/GPIO4
I/O
HiZ
Serial DATA4, General I/O 4
44
DATA3
I
HiZ
Serial DATA3 pin
45
DATA2
I
HiZ
Serial DATA2 pin
46
DATA1
I
HiZ
Serial DATA1 pin
47
DATA_CLK
I
HiZ
Serial Data Clock pin
48
AVDD
Power
Power
3.3V I/O Supply
49
Package Pad (QFN
package only)
-
-
Connect to ground
* Note: AO = Analog Output, I = Digital Input, I/O = Digital Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com