Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9027SPRO Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9027SPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027SPRO Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9027SPRO Datasheet HTML 1Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 2Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 3Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 4Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 5Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 6Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 7Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 8Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
Analog Reinvented
ES9027PRO
32-bit High-Performance 8-Channel DAC
Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
1
Patented 32-bit HyperStream® IV
Architecture DAC Technology
32-bit audio DAC with high dynamic range & ultra-low distortion
+124dB DNR per channel
-114dB THD+N per channel
Unprecedented dynamic range and ultra-low distortion
High Sample Rates
Up to PCM 768kHz & native DSD1024
Customizable filter characteristics
7 predefined digital filters optimized for latency or sound color for each channel to allow for a
unique sound signature
Multiple Input formats are available
I2S, LJ, RJ, TDM, DSD, DoP and S/PDIF
I2C, SPI, and Hardware interface control
Configured by microcontroller or other I2C/SPI source, or pins through Hardware Mode
Lower Power Consumption than Previous
Gen.
Simplifies power supply design
Standardized Packaging
7mm x 7mm, 48 pin QFP/QFN for reduced PCB board space
APPLICATIONS
•
Professional digital audio workstations (DAW) Audio Playback
•
A/V Receivers
•
Personal Audio Devices & Media Streamers
•
High End Audiophile Equipment
•
Any equipment that requires the very best audio digital to analog conversion
The ESS Sabre® ES9027PRO is a 32-bit 8 Channel digital-to-analog converters (DAC) that target high end consumer devices, professional audio
applications such as recording systems, mixer consoles and digital audio workstations (DAW), test equipment, instruments, audio processors
applications. It was designed to create the new generation of the world’s highest performing audio DAC series.
The ES9027PRO has 8 integrated DACs which use ESS’ patented Hyperstream® IV DAC Architecture. Using the Dual modulator architecture, it
delivers incredible audio sound quality and specifications, including +124dB DNR, -114dB THD+N per channel.
The ES9027PRO SABRE® DAC improves on previous designs to include:
•
TDM & SPI support for more options in connectively
•
Lower power consumption than previous generations, including the Hyperstream IV DAC modulator
•
New Hardware mode for simplified programming.
TDM, DSD, DoP, and I2S, LJ, master/slave interfaces as well as synchronous S/PDIF are supported.
The ES9027PRO has 7 built-in pre-programmed digital filters which allows the most discerning user to tune the SABRE sound to their own personal
sound signature.
FEATURE
DESCRIPTION
s


Similar Part No. - ES9027SPRO

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9023 ESS-ES9023 Datasheet
364Kb / 2P
Premier Stereo DAC with 2Vrms Driver
ES9023 ESS-ES9023 Datasheet
269Kb / 14P
Premier Stereo DAC with 2Vrms Driver
April 6, 2015
ES9023P ESS-ES9023P Datasheet
269Kb / 14P
Premier Stereo DAC with 2Vrms Driver
April 6, 2015
ES9026PRO ESS-ES9026PRO Datasheet
1Mb / 57P
32-Bit HyperStream짰 II 8-Channel Audio DAC
ES9028PRO ESS-ES9028PRO Datasheet
1Mb / 57P
32-Bit HyperStream짰 II 8-Channel Audio DAC
More results

Similar Description - ES9027SPRO

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
High Performance Premium 32-Bit DAC
AK4399 AKM-AK4399 Datasheet
660Kb / 41P
High Performance 123dB Premium 32-Bit DAC
AK4392 AKM-AK4392 Datasheet
565Kb / 41P
High Performance 120dB Premium 32-Bit DAC
AK4480 AKM-AK4480 Datasheet
575Kb / 44P
High Performance 114dB 32-Bit DAC
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
High Performance 120dB 32-Bit 4ch DAC
logo
ESS Technology,Inc
ES9016S ESS-ES9016S Datasheet
69Kb / 2P
Ultra 32-bit 8-Channel Audio DAC
logo
Cirrus Logic
CS4399 CIRRUS-CS4399 Datasheet
2Mb / 111P
130-dB, 32-Bit High-Performance DAC
logo
ESS Technology,Inc
ES9033 ESS-ES9033 Datasheet
1Mb / 103P
32-bit High-Performance 2-Channel DAC with Line Drivers
April 20, 2022
ES9039MPRO ESS-ES9039MPRO Datasheet
1Mb / 95P
32-bit High-Performance 8-Channel DAC
Sept, 2022
ES9080 ESS-ES9080 Datasheet
2Mb / 146P
32-bit High-Performance 8-Channel DAC
April 7th, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com